Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2678 Datasheet (PDF) - Rohm

2SD2678 Datasheet PDF - Rohm
Part # 2SD2678
Download  2SD2678 Download
File Size   100.05 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3A / 12V Bipolar transistor

2SD2678 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2678 Datasheet PDF - Rohm

Part # 2SD2678
Download  2SD2678 Click to download

File Size   100.05 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3A / 12V Bipolar transistor

2SD2678 Datasheet (HTML) - Rohm




Similar Part No. - 2SD2678

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2670 ROHM-2SD2670 Datasheet
89Kb / 3P
Low frequency amplifier
2SD2670 ROHM-2SD2670 Datasheet
64Kb / 3P
Low frequency amplifier
2SD2670 ROHM-2SD2670_1 Datasheet
64Kb / 3P
Low frequency amplifier
2SD2671 ROHM-2SD2671 Datasheet
68Kb / 3P
Low frequency amplifier
2SD2672 ROHM-2SD2672 Datasheet
38Kb / 2P
Low frequency amplifier
More results


Similar Description - 2SD2678

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1713 ROHM-2SB1713 Datasheet
100Kb / 3P
-3A / -12V Bipolar transistor
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
Rohm
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
General purpose amplification (-12V, -3A)
logo
ON Semiconductor
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
logo
Nexperia B.V. All right...
PHPT61003PY NEXPERIA-PHPT61003PY Datasheet
720Kb / 15P
100 V, 3A PNP high power bipolar transistor
logo
Weidmuller
2660200278 WEIDMULLER-2660200278 Datasheet
149Kb / 3P
PRO PM 35W 12V 3A
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com