Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR1211 Datasheet (PDF) - Monolithic Power Systems

HR1211 Datasheet PDF - Monolithic Power Systems
Part # HR1211
Download  HR1211 Download
File Size   2205.45 Kbytes
Page   39 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Multi-Mode PFC and Current Mode LLC Controller with Configurable Audible Noise Reduction Control

HR1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
HR1211 Datasheet PDF - Monolithic Power Systems

Part # HR1211
Download  HR1211 Click to download

File Size   2205.45 Kbytes
Page   39 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Multi-Mode PFC and Current Mode LLC Controller with Configurable Audible Noise Reduction Control

HR1211 Datasheet (HTML) - Monolithic Power Systems


HR1211 Product details

FEATURES
 General System Features:
o HV Current Source for Start-Up
o Smart X-Capacitor Discharge during AC
Dropout, Approved by IEC62368 and
IEC60950
o UART Interface for Configurations
o User-Friendly GUI for Digital PFC
 PFC Controller:
o CCM/DCM Multi-Mode PFC Control with
High Efficiency across All Loads
o Operating Frequency Up to 250kHz
o High PF due to Input Capacitor Current
Compensation
o Configurable Frequency Jittering
o Configurable Soft Start and Burst On
o Configurable AC Input Brown-In/Out
o Cycle-by-Cycle Current Limiting
o OLP, OVP
 LLC Controller:
o 600V High Side Gate Driver with
Bootstrap Diode and High dV/dt
Immunity
o Current Mode Control
o Up to 500kHz in Steady State
o Adaptive Dead-Time Adjustment with
Minimum and Maximum Limit
o Burst/Skip Mode Switching at Light Load
o Configurable Burst Frequency with Low
Audible Noise
o Configurable Soft Start
o Configurable DC Input Brown In/Out
o Capacitive Mode Protection
o OCP, OPP with Auto-Restart or Latch
o Configurable Protection on SO Pin




Similar Part No. - HR1211

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 INTERPOINT-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
HR121-2815 INTERPOINT-HR121-2815 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
logo
CSB Battery Co., Ltd.
HR12120W CSB-BATTERY-HR12120W Datasheet
498Kb / 2P
specially designed for high efficient discharge application
More results


Similar Description - HR1211

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Texas Instruments
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061-Q1 TI1-UCC28061-Q1 Datasheet
982Kb / 34P
Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
logo
NXP Semiconductors
TEA2017AAT NXP-TEA2017AAT Datasheet
605Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-14 June 2021
TEA6017AT NXP-TEA6017AT Datasheet
609Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-11 March 2022
TEA2017AAT NXP-TEA2017AAT_V01 Datasheet
621Kb / 69P
Digital configurable LLC and multimode PFC controller
Rev. 1.1 - 17 May 2023
TEA2017AAT NXP-TEA2017AAT_V02 Datasheet
608Kb / 66P
Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com