Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1329507 Datasheet (PDF) - PHOENIX CONTACT

1329507 Datasheet PDF - PHOENIX CONTACT
Part # 1329507
Download  1329507 Download
File Size   1521.99 Kbytes
Page   66 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Protective conductor terminal - XTV 6-TWIN-PE

1329507 Datasheet (PDF)

Go To PDF Page Download Datasheet
1329507 Datasheet PDF - PHOENIX CONTACT

Part # 1329507
Download  1329507 Click to download

File Size   1521.99 Kbytes
Page   66 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Protective conductor terminal - XTV 6-TWIN-PE

1329507 Datasheet (HTML) - PHOENIX CONTACT


1329507 Product details

Protective conductor terminal, number of connections: 3, number of positions: 1, connection
method: Push-X-connection, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2,
mounting type: NS 35/7,5, NS 35/15, color: green/yellow

Your advantages
• Fast, powerless conductor connection for all conductor types with the pretensioned contact spring
• A high level of flexibility when inserting conductors enables conductors with or without ferrules to be connected easily
• Clear conductor connection with the lateral connection direction and the clear pusher position
• Easy procurement of information – the QR code on the terminal block provides all important information about the product
• Terminal blocks with Push-X connection are part of the COMPLETE line system




Similar Part No. - 1329507

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1329505 WINCHESTER-1329505 Datasheet
378Kb / 6P
Between Series Adapters
logo
PHOENIX CONTACT
1329506 PHOENIX-1329506 Datasheet
1Mb / 68P
Feed-through terminal block - XTV 6-TWIN BU
Nov 3, 2022
More results


Similar Description - 1329507

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209620 PHOENIX-3209620 Datasheet
63Kb / 4P
Protective conductor double-level terminal block - PTTBS 2,5-PE
3205132 PHOENIX-3205132 Datasheet
246Kb / 20P
Protective conductor double-level terminal block - QTTCB 1,5-PE
1070018 PHOENIX-1070018 Datasheet
1Mb / 33P
Protective conductor terminal - PTRVB 4-PE
May 16, 2022
1329495 PHOENIX-1329495 Datasheet
91Kb / 1P
XTV 6-PE
1329499 PHOENIX-1329499 Datasheet
88Kb / 1P
XTV 6-TWIN
1329513 PHOENIX-1329513 Datasheet
90Kb / 1P
XTV 6-QUATTRO-PE
1329516 PHOENIX-1329516 Datasheet
68Kb / 1P
D-XTV 6-TWIN
1329603 PHOENIX-1329603 Datasheet
90Kb / 1P
XTV 10-TWIN
1329506 PHOENIX-1329506 Datasheet
1Mb / 68P
Feed-through terminal block - XTV 6-TWIN BU
Nov 3, 2022
1329606 PHOENIX-1329606 Datasheet
1Mb / 47P
Protective conductor terminal - XTV 10-TWIN-PE
Nov 3, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com