Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD11 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SD11 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SD11
Download  SD11 Download
File Size   395.8 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description TRANSIENT VOLTAGE SUPPRESSOR

SD11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD11 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SD11
Download  SD11 Click to download

File Size   395.8 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description TRANSIENT VOLTAGE SUPPRESSOR

SD11 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


SD11 Product details

Features
Unidirection:450 Watts peak pulse power
per line(tp=8/20μs)
Replacement for MLV (0805)
Protects one power or I/O port
Low clamping voltage
Applied to the type 3V and 36V
61000-4-2 (ESD): Air 30kV, Contact 30kV




Similar Part No. - SD11

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
QC-SMA PLUG TO SMA JACK ADAPTER
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
94Kb / 2P
N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE D MOS POWER FETS
logo
DB Lectro Inc
SD1100 DBLECTRO-SD1100 Datasheet
450Kb / 2P
Provides transparent RS422/485 serial cable replacement
logo
List of Unclassifed Man...
SD1100 ETC-SD1100 Datasheet
190Kb / 2P
Bluetooth-serial adapter
logo
International Rectifier
SD1100C IRF-SD1100C Datasheet
226Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
More results


Similar Description - SD11

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com