Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCK1018 Datasheet (PDF) - Lorlin Electronics Ltd.

GCK1018 Datasheet PDF - Lorlin Electronics Ltd.
Part # GCK1018
Download  GCK1018 Download
File Size   707.54 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description ELECTRICAL & MECHANICAL SPECIFICATION

GCK1018 Datasheet (PDF)

Go To PDF Page Download Datasheet
GCK1018 Datasheet PDF - Lorlin Electronics Ltd.

Part # GCK1018
Download  GCK1018 Click to download

File Size   707.54 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description ELECTRICAL & MECHANICAL SPECIFICATION

GCK1018 Datasheet (HTML) - Lorlin Electronics Ltd.


GCK1018 Product details

FEATURES


Gray coded, standard and complimentary versions

PCB Terminals
+ extra stabilising terminals
Standard 22.5° indexing 4-Bit
Standard 45° indexing 3-Bit

Adjustable stops to restrict number of positions

Standard silver contacts, gold flashed
Moulded 27.5mm diameter

Spindles with special flats, slots or knurls Made in the UK

or gold plated also available
UL-V0 rated material option




Similar Part No. - GCK1018

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
More results


Similar Description - GCK1018

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1026 ETC2-CK1026 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
MECHANICAL SPECIFICATION
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com