Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGTD65T40S2PT Datasheet (PDF) - Diodes Incorporated

DGTD65T40S2PT Datasheet PDF - Diodes Incorporated
Part # DGTD65T40S2PT
Download  DGTD65T40S2PT Download
File Size   1762.91 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 650V FIELD STOP IGBT IN TO247

DGTD65T40S2PT Datasheet (PDF)

Go To PDF Page Download Datasheet
DGTD65T40S2PT Datasheet PDF - Diodes Incorporated

Part # DGTD65T40S2PT
Download  DGTD65T40S2PT Click to download

File Size   1762.91 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 650V FIELD STOP IGBT IN TO247

DGTD65T40S2PT Datasheet (HTML) - Diodes Incorporated


DGTD65T40S2PT Product details

Features
High Speed Switching & Low Power Loss
VCE(SAT) = 1.8V @ IC = 40A
tRR = 60ns (Typ) @ diF/dt = 820A/μs
EOFF = 0.4mJ @ TC = +25°C
Maximum Junction Temperature +175°C
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
UPS
Welders
Solar inverters
IH cookers




Similar Part No. - DGTD65T40S2PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGTD65T40S1PT DIODES-DGTD65T40S1PT Datasheet
1Mb / 10P
FIELD STOP IGBT IN TO-247
Rev 1
More results


Similar Description - DGTD65T40S2PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N65UFD FAIRCHILD-FGH40N65UFD Datasheet
729Kb / 9P
650V, 40A Field Stop IGBT
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
650V, 75A Field Stop Trench IGBT
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
logo
MagnaChip Semiconductor...
MBQ40T65FESC MGCHIP-MBQ40T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
MBQ50T65FESC MGCHIP-MBQ50T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
logo
Diodes Incorporated
DGTD65T15H2TF DIODES-DGTD65T15H2TF Datasheet
2Mb / 9P
650V FIELD STOP IGBT IN ITO220AB
Rev 2
logo
MagnaChip Semiconductor...
MBF15T65PEH MGCHIP-MBF15T65PEH Datasheet
649Kb / 8P
650V Field Stop IGBT
logo
Rohm
RGWX5TS65 ROHM-RGWX5TS65 Datasheet
977Kb / 10P
650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com