Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34427 Datasheet (PDF) - Analog Devices

MAX34427 Datasheet PDF - Analog Devices
Part # MAX34427
Download  MAX34427 Download
File Size   830.15 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMBUS Dual Channel High Dynamic Range Power Accumulator

MAX34427 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX34427 Datasheet PDF - Analog Devices

Part # MAX34427
Download  MAX34427 Click to download

File Size   830.15 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMBUS Dual Channel High Dynamic Range Power Accumulator

MAX34427 Datasheet (HTML) - Analog Devices


MAX34427 Product details

General Description
The MAX34427 is a specialized current, voltage, and power monitor used to determine power consumption of systems. The device has a very wide dynamic range (20,000:1) that allows for the accurate measurement of power in such systems. The device is configured and monitored with a standard I2C/SMBus serial interface. The unidirectional current sensor offers precision high-side operation with a low full-scale sense voltage. The device automatically collects the current-sense and voltage samples and then multiplies those values to obtain a power value it then accumulates. Upon a command from the host, the device transfers the accumulated power samples, as well as the accumulation count, to a set of registers accessible by the host. This transfer occurs without missing a sample and allows the host to retrieve the data not only in real-time, but at any time interval.

Benefits and Features
• Enables Code Optimization to Minimize Power Consumption
• Two Power Monitors with Wide 86dB Dynamic Range
• Measures Both Current and Voltage
• Ability to Measure Only Accumulated Current or Accumulated Power
• Reduced Power Consumption in Slow Accumulation Mode
• Power-Down Mode
• Minimizes Processor Overhead with Autonomous Operation
• Per Channel 56-Bit Power Accumulators Capture 2.27 Hours of Data at 2048 Samples per Second
• Per Channel 14-Bit Voltage Registers
• High-Integration Solution Minimizes Part Count, PCB Space, and BOM Cost
• 5μV to 100mV Current-Sense Voltage with Current Common-Mode Range of 0.5V to 24V
• 16 Programmable I2C Addresses
• I2C/SMBus Interface with Bus Timeout
• Temperature Range: -40°C to +85°C
• Small, 2.24mm x 1.91mm Footprint WLP with 12 Bumps at 0.5mm Pitch and 3mm x 3mm Footprint TDFN 12-pin package
• Ease of Development
• Evaluation Kit with Advanced GUI

Applications
• Tablets
• Ultra Notebooks
• Workstations
• Servers
• VR/AR Headsets




Similar Part No. - MAX34427

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3442E MAXIM-MAX3442E Datasheet
368Kb / 20P
짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3442E MAXIM-MAX3442E Datasheet
314Kb / 19P
±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3442EAPA MAXIM-MAX3442EAPA Datasheet
368Kb / 20P
짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3442EASA MAXIM-MAX3442EASA Datasheet
368Kb / 20P
짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3442EEPA MAXIM-MAX3442EEPA Datasheet
368Kb / 20P
짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
More results


Similar Description - MAX34427

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
High dynamic range dual LNA MMIC
1999 Dec 23
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
Analog Devices
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
SSM2122 AD-SSM2122_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR/DUAL VCA
5/90, Rev. B1
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407_V01 Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34417 MAXIM-MAX34417 Datasheet
1Mb / 22P
SMBus Four-Channel High Dynamic Range Power Accumulator
2018
logo
Microchip Technology
PAC194X MICROCHIP-PAC194X Datasheet
1Mb / 96P
Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
Revision A June 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com