Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORAL-DEV-4GB Datasheet (PDF) - List of Unclassifed Manufacturers

CORAL-DEV-4GB Datasheet PDF - List of Unclassifed Manufacturers
Part # CORAL-DEV-4GB
Download  CORAL-DEV-4GB Download
File Size   7776.54 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dev Board

CORAL-DEV-4GB Datasheet (PDF)

Go To PDF Page Download Datasheet
CORAL-DEV-4GB Datasheet PDF - List of Unclassifed Manufacturers

Part # CORAL-DEV-4GB
Download  CORAL-DEV-4GB Click to download

File Size   7776.54 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dev Board

CORAL-DEV-4GB Datasheet (HTML) - List of Unclassifed Manufacturers


CORAL-DEV-4GB Product details

Features
Edge TPU System-on-Module (SoM)
NXP i.MX 8M SoC (Quad-core Arm Cortex-A53, plus
Cortex-M4F)
Google Edge TPU ML accelerator coprocessor
Cryptographic coprocessor
Wi-Fi 2x2 MIMO (802.11b/g/n/ac 2.4/5 GHz)
Bluetooth 4.2
8 GB eMMC
1 or 4 GB LPDDR4
USB connections
USB Type-C power port (5 V DC)
USB 3.0 Type-C OTG port
USB 3.0 Type-A host port
USB 2.0 Micro-B serial console port
Audio connections
3.5 mm audio jack (CTIA compliant)
Digital PDM microphone (x2)
2.54 mm 4-pin terminal for stereo speakers
Video connections
HDMI 2.0a (full size)
39-pin FFC connector for MIPI DSI display (4-lane)
24-pin FFC connector for MIPI CSI-2 camera (4-lane)
MicroSD card slot
Gigabit Ethernet port
40-pin GPIO expansion header
Supports Mendel Linux (derivative of Debian)




Similar Part No. - CORAL-DEV-4GB

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
COR3 RADIOMETRIX-COR3 Datasheet
146Kb / 8P
NBFM Multi-channel receiver for 868MHz SRD band
COR3-869-5 RADIOMETRIX-COR3-869-5 Datasheet
146Kb / 8P
NBFM Multi-channel receiver for 868MHz SRD band
COR3-869-5 RADIOMETRIX-COR3-869-5 Datasheet
259Kb / 7P
NBFM Multi-channel transmitter for 868MHz SRD band
COR3-869-5 RADIOMETRIX-COR3-869-5 Datasheet
377Kb / 10P
868MHz band Narrow Band FM sub-miniature TX
COR3-869-5-SAL RADIOMETRIX-COR3-869-5-SAL Datasheet
146Kb / 8P
NBFM Multi-channel receiver for 868MHz SRD band
More results


Similar Description - CORAL-DEV-4GB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARGOS-A100 ETC1-ARGOS-A100 Datasheet
662Kb / 2P
The smart CDK - Camera Dev. Kit
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
PHOENIX CONTACT
2202545 PHOENIX-2202545 Datasheet
206Kb / 4P
Plug - HBUS 107,6-16P-1S DEV-KIT BK
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
SparkFun Electronics
DEV-14483 SPARKFUN-DEV-14483 Datasheet
216Kb / 3P
SparkFun AST-CAN485 Dev Board
3????8
logo
PHOENIX CONTACT
2202525 PHOENIX-2202525 Datasheet
67Kb / 4P
Housing set - BC 107,6 DEV-KIT KMGY
09/12/2020
2202544 PHOENIX-2202544 Datasheet
63Kb / 3P
PCB - BC 107,6/40 U11 HBUS DEV-PCB
09/12/2020
logo
SparkFun Electronics
WRL-13711 SPARKFUN-WRL-13711 Datasheet
164Kb / 2P
SparkFun ESP8266 Thing - Dev Board
11/17/2015
WRL-13804 SPARKFUN-WRL-13804 Datasheet
127Kb / 2P
SparkFun ESP8266 Thing - Dev Board (with Headers)
6??0??7
logo
Azumo, Inc.
12376-01_T1 AZUMO-12376-01_T1 Datasheet
417Kb / 1P
Reflective LCD Front Light Dev Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com