Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP15-45 Datasheet (PDF) - Anderson Power Products, Inc.

PP15-45 Datasheet PDF - Anderson Power Products, Inc.
Part # PP15-45
Download  PP15-45 Download
File Size   1752.7 Kbytes
Page   13 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description PP15/45 series are the smallest Powerpole® housings.

PP15-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
PP15-45 Datasheet PDF - Anderson Power Products, Inc.

Part # PP15-45
Download  PP15-45 Click to download

File Size   1752.7 Kbytes
Page   13 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description PP15/45 series are the smallest Powerpole® housings.

PP15-45 Datasheet (HTML) - Anderson Power Products, Inc.


PP15-45 Product details

• High Power Density
Up to 55 amps in a compact footprint
• Wire-to-Wire & Wire-to-Board Configurations
Wire & PCB contacts can be used in the same housings
• Finger Proof Housings Available
Protects against accidental contact with live circuits




Similar Part No. - PP15-45

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP15-48-12 LAMBDA-PP15-48-12 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP15-48-12 LAMBDA-PP15-48-12 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W???
PP15-48-15 LAMBDA-PP15-48-15 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP15-48-15 LAMBDA-PP15-48-15 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W???
PP15-48-3.3 LAMBDA-PP15-48-3.3 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
More results


Similar Description - PP15-45

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
logo
Weidmuller
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
Electronics housings, CH20M black, Hood, Width: 45 mm
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
logo
Lapp.
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com