Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7292P Datasheet (PDF) - Toshiba Semiconductor

TA7292P Datasheet PDF - Toshiba Semiconductor
Part # TA7292P
Download  TA7292P Download
File Size   944.6 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.

TA7292P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7292P Datasheet PDF - Toshiba Semiconductor

Part # TA7292P
Download  TA7292P Click to download

File Size   944.6 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.

TA7292P Datasheet (HTML) - Toshiba Semiconductor


TA7292P Product details

- High Power
POUT (1) 22W (TYP.)
(Vcc=14.4V, f=1kHz, THD 10%, RL=40, BTL)
POUT (2) 19W (TYP.)
(Vcc=13.2V, f-1kHz, THD-10%, RL=40, BTL)
POUT (3) 15W (TYP.)
(VCC-13.2V, f-1kHz, THD-1%, RL-40, BTL)
POUT (4) 5.8W (TYP.)/ch
(Vcc 13.2V, f-1kHz, THD 10%, RL=42, DUAL)
Low Distortion
THD (1)=0.03% (TYP.)
(Vcc=13.2V, f-1kHz, POUT-4W, RL=40, Gy=40dB, BTL)
THD(2)=0.06% (TYP.)
(Vcc 13.2V, f-1kHz, POUT-1W, RL=40, Gy=52dB, DUAL)
Low Noise
VNO (1)-0.14mVrms (TYP.)
(VCC 13.2V, RL=42, Gy=40dB, Rg-0, DIN Noise: DIN45405)
VNO (2) -0.7mVrms (TYP.)
(VCC 13.2V, RL-4, Gy=52dB, Rg=10kn, BW=20Hz-20kHz, DUAL)
- Protector Circuit
Thermal Shut Down, Over Voltage Protection.
Out-Vcc Short, Out-GND Short and Out-Out Short Protection.
Operating Supply Voltage Range
VCC (opr.)=9~18Vv




Similar Part No. - TA7292P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7291AF TOSHIBA-TA7291AF Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291AS TOSHIBA-TA7291AS Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291ASJ TOSHIBA-TA7291ASJ Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
BRIDGE DRIVER
More results


Similar Description - TA7292P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
logo
Toshiba Semiconductor
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
5.8W DUAL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
22W BTL DUAL AUDIO POWER AMPLIFIER
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Toshiba Semiconductor
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
5.8W DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
22W DUAL BTL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
Dual, Audio Power Amplifier, 22W BTL
logo
Toshiba Semiconductor
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com