Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7727P Datasheet (PDF) - Toshiba Semiconductor

TA7727P Datasheet PDF - Toshiba Semiconductor
Part # TA7727P
Download  TA7727P Download
File Size   406.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AUDIO DUAL PREAMPLIFIER.

TA7727P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7727P Datasheet PDF - Toshiba Semiconductor

Part # TA7727P
Download  TA7727P Click to download

File Size   406.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AUDIO DUAL PREAMPLIFIER.

TA7727P Datasheet (HTML) - Toshiba Semiconductor


TA7727P Product details

Wide Operating Supply Voltage Range
: VCC, VEE=±1.5V- £18.0V
Low Noise, Low Distortion
: VN1=1μVrms (Typ.)
(Rg=2.2km, NAB, f=1kHz, Gy=40dB )
THD=0.005%, (VOUT=2.0Vrms)
The Recommended Closed Loop Voltage Gain in More
Than 20dB.




Similar Part No. - TA7727P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
2U Dual-Socket Server Implementation
logo
Toshiba Semiconductor
TA7705 TOSHIBA-TA7705 Datasheet
432Kb / 11P
LOW NOISE DUAL AMPLIFIER FOR AUTOREVERSE CAR STEREO
TA7705F TOSHIBA-TA7705F Datasheet
432Kb / 11P
LOW NOISE DUAL AMPLIFIER FOR AUTOREVERSE CAR STEREO
logo
List of Unclassifed Man...
TA7705F ETC1-TA7705F Datasheet
47Kb / 2P
TA7405P
logo
Toshiba Semiconductor
TA7705P TOSHIBA-TA7705P Datasheet
432Kb / 11P
LOW NOISE DUAL AMPLIFIER FOR AUTOREVERSE CAR STEREO
More results


Similar Description - TA7727P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE949 NTE-NTE949 Datasheet
28Kb / 3P
Integrated Circuit Dual Audio Operational Amplifier/Preamplifier
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
Dual preamplifier
logo
Analog Devices
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
Self-Contained Audio Preamplifier
REV.C
SSM2019 AD-SSM2019 Datasheet
277Kb / 8P
Self-Contained Audio Preamplifier
REV.0
logo
Fairchild Semiconductor
UA739 FAIRCHILD-UA739 Datasheet
629Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER / PREAMPLIFIER
logo
List of Unclassifed Man...
ECG1085 ETC1-ECG1085 Datasheet
155Kb / 3P
LO-NOISE AUDIO PREAMPLIFIER
logo
NTE Electronics
NTE1660 NTE-NTE1660 Datasheet
79Kb / 2P
Integrated Circuit Audio Preamplifier
logo
Silan Microelectronics ...
SA1622 SILAN-SA1622 Datasheet
204Kb / 8P
AUDIO PREAMPLIFIER&
logo
Analog Devices
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com