Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650200596G Datasheet (PDF) - AUREL S.p.A.

650200596G Datasheet PDF - AUREL S.p.A.
Part # 650200596G
Download  650200596G Download
File Size   253.12 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description Vertical Antenna for Outdoor use

650200596G Datasheet (PDF)

Go To PDF Page Download Datasheet
650200596G Datasheet PDF - AUREL S.p.A.

Part # 650200596G
Download  650200596G Click to download

File Size   253.12 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description Vertical Antenna for Outdoor use

650200596G Datasheet (HTML) - AUREL S.p.A.


650200596G Product details

Vertical type antenna for outdoor use.
Available frequencies : 433.92 MHz or 868.3 MHz.
Supplied with 2.50 mt 50 Ohm coaxial cable
RG58MIL-C17. (On request: BNC at user side).
On request: mounting bracket.
Description




Similar Part No. - 650200596G

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650200590 AUREL-650200590 Datasheet
970Kb / 1P
Low Cost Micro Amps Receiver
650200590G AUREL-650200590G Datasheet
970Kb / 1P
Low Cost Micro Amps Receiver
650200599 AUREL-650200599 Datasheet
547Kb / 1P
Ground Plane Omnidirectional Antenna
More results


Similar Description - 650200596G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNQ15001 PANASONIC-LNQ15001 Datasheet
76Kb / 1P
FULL COLOR LED LAMP FOR OUTDOOR USE
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
Water-Blocked for Indoor/Outdoor Use
logo
TE Connectivity Ltd
M7100 TEC-M7100 Datasheet
289Kb / 7P
Rugged for heavy equipment and outdoor use
logo
Pulse A Technitrol Comp...
W5001 PULSE-W5001 Datasheet
265Kb / 4P
External Outdoor Antenna
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
Rugged Design for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
Rugged Design for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
Waterproof Connectors for Outdoor Use
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com