Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650201409G Datasheet (PDF) - AUREL S.p.A.

650201409G Datasheet PDF - AUREL S.p.A.
Part # 650201409G
Download  650201409G Download
File Size   124.93 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description 433 MHz ASK transmitter for high range voltage supply application

650201409G Datasheet (PDF)

Go To PDF Page Download Datasheet
650201409G Datasheet PDF - AUREL S.p.A.

Part # 650201409G
Download  650201409G Click to download

File Size   124.93 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description 433 MHz ASK transmitter for high range voltage supply application

650201409G Datasheet (HTML) - AUREL S.p.A.


650201409G Product details

DESCRIPTION
Available 3V version mod. TX-SAW-L-3V (650201410G)
SAW oscillator transmitter module, operating at 434MHz in ASK
modulation.
Regulated power supply for operation up to 12V.
Ideal as a replacement of the model TX-SAW-433/s-Z.




Similar Part No. - 650201409G

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650201415G AUREL-650201415G Datasheet
108Kb / 1P
LOW POWER TM LoRa transceiver
15.10.2016 - Rev A
650201420G AUREL-650201420G Datasheet
84Kb / 1P
Low cost & high performance 434 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
650201421G AUREL-650201421G Datasheet
138Kb / 1P
4 Chs Keyfob Transmitters WITH KEELOQ ENCODER
15.10.2016 - Rev A
650201422G AUREL-650201422G Datasheet
124Kb / 1P
Universal remote cloner
15.10.2016 - Rev A
650201424G AUREL-650201424G Datasheet
138Kb / 1P
Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results


Similar Description - 650201409G

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
ISM 433/315 MHz FSK/ASK Transmitter
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5103A INFINEON-TDA5103A Datasheet
937Kb / 29P
ASK Transmitter 345 MHz
Version 1.0 March 2001
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
AUREL S.p.A.
650201131G AUREL-650201131G Datasheet
440Kb / 1P
433 MHz ASK SAW - FR4 Substrate Trasmettitore 433 MHz ASK SAW su FR4
650201459G AUREL-650201459G Datasheet
1Mb / 1P
433 MHz ASK transmitter for external antenna connection
11.06.2018 - Rev A
650201460G AUREL-650201460G Datasheet
1Mb / 1P
433 MHz ASK transmitter with integrated antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com