Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650201378G Datasheet (PDF) - AUREL S.p.A.

650201378G Datasheet PDF - AUREL S.p.A.
Part # 650201378G
Download  650201378G Download
File Size   2067.31 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle

650201378G Datasheet (PDF)

Go To PDF Page Download Datasheet
650201378G Datasheet PDF - AUREL S.p.A.

Part # 650201378G
Download  650201378G Click to download

File Size   2067.31 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle

650201378G Datasheet (HTML) - AUREL S.p.A.


650201378G Product details

DESCRIPTION
The RFT-868-USB/V2 module is the master node of the RFTide
network.
It interfaces the nodes and it's used for monitoring or activate
the other sensors and actuators in the same RFTide network.
It uses a serial communication through the USB port (Virtual
COM Port).
The communication responds only to the defined RFTide
commands.




Similar Part No. - 650201378G

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
More results


Similar Description - 650201378G

ManufacturerPart #DatasheetDescription
logo
Level One
WUA-0605 LVL1-WUA-0605 Datasheet
541Kb / 5P
300Mbps Wireless USB Network Adapter
WUA-1610 LVL1-WUA-1610 Datasheet
423Kb / 5P
300Mbps Wireless USB Network Adapter
logo
STMicroelectronics
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
02-Jul-2015
STEVAL-SP1ML915 STMICROELECTRONICS-STEVAL-SP1ML915 Datasheet
281Kb / 9P
USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
January 2015 Rev 1
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
USB Dongle Module
logo
STMicroelectronics
STEVAL-IDI004V2 STMICROELECTRONICS-STEVAL-IDI004V2 Datasheet
376Kb / 7P
Wireless bridge 868 MHz
17-Dec-2015
logo
AUREL S.p.A.
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
650201428G AUREL-650201428G Datasheet
151Kb / 1P
USB DONGLE TM LoRa transceiver
15.10.2016 - Rev A
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
650201380G AUREL-650201380G Datasheet
570Kb / 1P
RFTide Transceiver FOR WIRELESS NETWORK 868 MHz
20 June, 2015-Rev 03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com