Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP59150 Datasheet (PDF) - ON Semiconductor

NCP59150 Datasheet PDF - ON Semiconductor
Part # NCP59150
Download  NCP59150 Download
File Size   295.93 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series

NCP59150 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP59150 Datasheet PDF - ON Semiconductor

Part # NCP59150
Download  NCP59150 Click to download

File Size   295.93 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series

NCP59150 Datasheet (HTML) - ON Semiconductor


NCP59150 Product details

The NCP59150 series are high precision, very low dropout
(VLDO), low ground current positive voltage regulators that are
capable of providing an output current in excess of 1.5 A with a typical
dropout voltage lower than 300 mV at 1.5 A load current. The devices
are stable with ceramic output capacitors. This series consists of
Adjustable output voltage and fixed voltage versions.
The NCP59150 series can withstand up to 18 V max input voltage.
Internal protection features consist of output current limiting,
built−in thermal shutdown and reverse output current protection.
Logic level enable and error flag pins are available on the 5−pin and
8−pin versions.
The NCP59150 series Adjustable Voltage devices are available in
D2PAK−5 and DFN8 packages, the Fixed Voltage option are available
in D2PAK−5, D2PAK−3 and DFN8 packages.

Features
• Output Current in Excess of 1.5 A
• 300 mV Typical Dropout Voltage at 1.5 A
• Adjustable and Fixed Output Voltage Options
• Low Ground Current
• Fast Transient Response
• Stable with Ceramic Output Capacitor
• Logic Compatible Enable and Error Flag Pins
• Current Limit, Reverse Current and Thermal Shutdown Protection
• Operation up to 13.5 V Input Voltage
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These are Pb−Free Devices

Applications
• Consumer and Industrial Equipment Point of Regulation
• Servers and Networking Equipment
• FPGA, DSP and Logic Power Supplies
• Switching Power Supply Post Regulation
• Battery Chargers
• Functional Replacement for Industry Standard MIC29150,
MIC39150, MIC37150




Similar Part No. - NCP59150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59150 ONSEMI-NCP59150 Datasheet
314Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
314Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
246Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150DS18R4G ONSEMI-NCP59150DS18R4G Datasheet
314Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150DS25R4G ONSEMI-NCP59150DS25R4G Datasheet
246Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
More results


Similar Description - NCP59150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com