Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THB6064AH Datasheet (PDF) - Toshiba Semiconductor

THB6064AH Datasheet PDF - Toshiba Semiconductor
Part # THB6064AH
Download  THB6064AH Download
File Size   521.74 Kbytes
Page   39 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PWM Chopper-Type bipolar Stepping Motor Driver IC

THB6064AH Datasheet (PDF)

Go To PDF Page Download Datasheet
THB6064AH Datasheet PDF - Toshiba Semiconductor

Part # THB6064AH
Download  THB6064AH Click to download

File Size   521.74 Kbytes
Page   39 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PWM Chopper-Type bipolar Stepping Motor Driver IC

THB6064AH Datasheet (HTML) - Toshiba Semiconductor


THB6064AH Product details

Features
• Single-chip bipolar sinusoidal micro-step stepping motor
driver
• Uses high withstand voltage BiCD process:
Ron (upper  lower) = 0.4 Ω (typ.)
• Forward and reverse rotation control available
• Selectable phase drive (1/2,1/8,1/10, 1/16, 1/20, 1/32, 1/40, 1/64 step)
• Output withstand voltage: VDSS = 50 V
• Output current: IOUT = 4.5 A (absolute maximum ratings, peak, within 100ms)
IOUT = 4.0 A (operating range, maximal value)
• Packages: HZIP25-P-1.27
• Output monitor pins (DOWN / ALERT)
• Equipped with reset and enable pins
• Built-in thermal shutdown(TSD) and over-current detection(ISD) circuit




Similar Part No. - THB6064AH

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THB6 TRACOPOWER-THB6 Datasheet
907Kb / 5P
DC/DC Converter THB 6 Series, 6 Watt
Rev. November 30, 2022
THB6-1211 TRACOPOWER-THB6-1211 Datasheet
907Kb / 5P
DC/DC Converter THB 6 Series, 6 Watt
Rev. November 30, 2022
THB6-1212 TRACOPOWER-THB6-1212 Datasheet
907Kb / 5P
DC/DC Converter THB 6 Series, 6 Watt
Rev. November 30, 2022
THB6-1222 TRACOPOWER-THB6-1222 Datasheet
907Kb / 5P
DC/DC Converter THB 6 Series, 6 Watt
Rev. November 30, 2022
THB6-1223 TRACOPOWER-THB6-1223 Datasheet
907Kb / 5P
DC/DC Converter THB 6 Series, 6 Watt
Rev. November 30, 2022
More results


Similar Description - THB6064AH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8435H TOSHIBA-TA8435H Datasheet
470Kb / 25P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6504F TOSHIBA-TB6504F Datasheet
729Kb / 20P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6512AF TOSHIBA-TB6512AF Datasheet
642Kb / 18P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
Stepping Motor Driver IC Using PWM Chopper Type
TB6560HQ TOSHIBA-TB6560HQ Datasheet
401Kb / 31P
PWM Chopper-Type bipolar Stepping Motor Driver IC
TA8435H TOSHIBA-TA8435H_06 Datasheet
562Kb / 28P
PWM CHOPPER-TYPE BIPOLAR STEPPING MOTOR DRIVER.
TB6560AFG TOSHIBA-TB6560AFG Datasheet
506Kb / 34P
PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6504FG TOSHIBA-TB6504FG Datasheet
639Kb / 23P
PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
2006-3-6
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com