Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT275AFCT2G Datasheet (PDF) - ON Semiconductor

NCT275AFCT2G Datasheet PDF - ON Semiconductor
Part # NCT275AFCT2G
Download  NCT275AFCT2G Download
File Size   191.72 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface

NCT275AFCT2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NCT275AFCT2G Datasheet PDF - ON Semiconductor

Part # NCT275AFCT2G
Download  NCT275AFCT2G Click to download

File Size   191.72 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface

NCT275AFCT2G Datasheet (HTML) - ON Semiconductor


NCT275AFCT2G Product details

The NCT275 is a two-wire serially programmable temperature
sensor with an over-temperature/interrupt output pin to signal out of
limit conditions. This is an open-drain pin and can operate in either
comparator or interrupt mode. Temperature measurements are
converted into digital form using a high resolution (12 bit),
sigma-delta, analog-to-digital converter (ADC). The device operates
over the –55°C to +125°C temperature range.
Communication with the NCT275 is accomplished via the
SMBus/I2C interface which is compatible with industry standard
protocols. Through this interface the NCT275s internal registers may
be accessed. These registers allow the user to read the current
temperature, change the configuration settings and adjust the
temperature limits.
The NCT275 has a wide supply voltage range of 3.0 V to 5.5 V. The
average supply current is 575 A at 3.3 V. It also offers a shutdown
mode to conserve power. The typical shutdown current is 3 A.
The NCT275 is available in a space saving 6 ball CSP package as
NCT275A and NCT275B. NCT275B gives I2C address options of
0x48 and 0x4A while NCT275A gives address options of 0x49 and
0x4B. NCT275 is also fully register compatible with the NCT75,
LM75 and TMP75.

Features
• 12-bit Temperature-to-Digital Converter
• Input Voltage Range from 3.0 V to 5.5 V
• Temperature Range from -55°C to +125°C
• SMBus/I2C Interface
• Over Temperature Indicator
• Support for SMBus ALERT
• Shutdown Mode for Low Power Consumption
• One-Shot Mode
• Available in 6 Ball CSP Package with Multiple Address Options
• These are Pb-Free Devices

Typical Applications
• Computer Thermal Monitoring
• Thermal Protection
• Isolated Sensors
• Battery Management
• Office Electronics
• Electronic Test Equipment
• Thermostat Controls
• System Thermal Management




Similar Part No. - NCT275AFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT203 ONSEMI-NCT203 Datasheet
162Kb / 13P
Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
logo
DFI Inc
NCT203 DFI-NCT203 Datasheet
309Kb / 1P
LAN Extension Module Card Peripheral
logo
ON Semiconductor
NCT203MTR2G ONSEMI-NCT203MTR2G Datasheet
162Kb / 13P
Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
NCT214 ONSEMI-NCT214 Datasheet
253Kb / 20P
1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
More results


Similar Description - NCT275AFCT2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
ON Semiconductor
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
logo
ON Semiconductor
NCT75 ONSEMI-NCT75 Datasheet
144Kb / 16P
Industry Standard Digital Temperature Sensor with 2?릛ire Interface
May, 2014 ??Rev. 6
logo
Texas Instruments
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
logo
ON Semiconductor
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com