Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET4600 Datasheet (PDF) - Vishay Siliconix

TCET4600 Datasheet PDF - Vishay Siliconix
Part # TCET4600
Download  TCET4600 Download
File Size   170.3 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input (Quad Channel)

TCET4600 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCET4600 Datasheet PDF - Vishay Siliconix

Part # TCET4600
Download  TCET4600 Click to download

File Size   170.3 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input (Quad Channel)

TCET4600 Datasheet (HTML) - Vishay Siliconix


TCET4600 Product details

DESCRIPTION
The TCET4600 consists of a phototransistor optically
coupled to 2 gallium arsenide infrared-emitting diodes in
16 pin lead plastic dual inline package.

FEATURES
• Extra low coupling capacity - typical 0.2 pF
• High common mode rejection
• Low temperature coefficient of CTR
• Rated impulse voltage (transient overvoltage)
VIOTM = 10 kV peak
• Isolation test voltage (partial discharge test
voltage) Vpd = 1.6 kV peak
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive) VIORM = 890 Vpeak
• Thickness though insulation ≥ 0.4 mm
• Creepage current resistance according to VDE 0303 /
IEC 60112 comparative tracking index: CTI ≥ 175
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
• UL / cUL 1577
• DIN EN 60747-5-5 (VDE 0884)
• FIMKO




Similar Part No. - TCET4600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET4600 VISHAY-TCET4600 Datasheet
233Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
07-Dec-07
TCET4600 VISHAY-TCET4600 Datasheet
167Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
More results


Similar Description - TCET4600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDL620 VISHAY-IDL620 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
26-Apr-04
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
TCET2600 VISHAY-TCET2600_07 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
07-Dec-07
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
Optocoupler, Phototransistor Output, AC Input
23-Feb-11
ILD620GB-X009T VISHAY-ILD620GB-X009T Datasheet
181Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
ILD620 VISHAY-ILD620_V01 Datasheet
183Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
ILD620 VISHAY-ILD620_V02 Datasheet
183Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com