Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLD1000 Datasheet (PDF) - Vishay Siliconix

TCLD1000 Datasheet PDF - Vishay Siliconix
Part # TCLD1000_V01
Download  TCLD1000 Download
File Size   126.12 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package

TCLD1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCLD1000 Datasheet PDF - Vishay Siliconix

Part # TCLD1000_V01
Download  TCLD1000 Click to download

File Size   126.12 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package

TCLD1000 Datasheet (HTML) - Vishay Siliconix


TCLD1000 Product details

DESCRIPTION
The TCLD1000 consists of a darlington phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 4-lead SO6L package.

AGENCY APPROVALS
• UL1577, file no. E76222
• CSA 22.2 bulletin 5A, double protection
• BSI IEC 60950; IEC 60065
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending

FEATURES
• Low profile package
• Darlington output
• Extra low coupling capacity - typical 0.2 pF
• High common mode rejection
• Creepage current resistance according to
VDE 0303/IEC 60112 comparative tracking
index: CTI ≥ 175
• Creepage distance > 8 mm
• Tested acc. 60950: AM4: 1997 clause 2.9.6.
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Switch-mode power supplies
• Line receiver
• Computer peripheral interface
• Microprocessor system interface
• Reinforced isolation provides circuit protection against
electrical shock (safety class II)
• Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
- for appl. class I to IV at mains voltage ≤ 300 V
- for appl. class I to III at mains voltage ≤ 600 V
according to DIN EN 60747-5-2 (VDE 0884)




Similar Part No. - TCLD1000_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
21-Mar-14
More results


Similar Description - TCLD1000_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
09-Jan-08
SFH692AT VISHAY-SFH692AT_08 Datasheet
98Kb / 5P
Optocoupler, Photodarlington Output, SOP-4 Mini-Flat Package
16-May-08
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Dec-15
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
21-Mar-14
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
13-Oct-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com