Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOD223T Datasheet (PDF) - Vishay Siliconix

VOD223T Datasheet PDF - Vishay Siliconix
Part # VOD223T
Download  VOD223T Download
File Size   111.94 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package

VOD223T Datasheet (PDF)

Go To PDF Page Download Datasheet
VOD223T Datasheet PDF - Vishay Siliconix

Part # VOD223T
Download  VOD223T Click to download

File Size   111.94 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package

VOD223T Datasheet (HTML) - Vishay Siliconix


VOD223T Product details

DESCRIPTION
The VOD233T is a high current transfer ratio (CTR)
optocoupler. It has a gallium arsenide infrared LED emitter
and silicon NPN photodarlington transistor detector.
This device has CTRs tested at an LED current of 1 mA. This
low drive current permits easy interfacing from CMOS to
LSTTL or TTL.

FEATURES
• High current transfer ratio at IF = 1 mA,
500 % minimum
• Isolation test voltage, 4000 VRMS
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

AGENCY APPROVALS
• UL1577, file no. E52744 system code Y
• cUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 (VDE 0884) available with option 1




Similar Part No. - VOD223T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOD223T VISHAY-VOD223T Datasheet
114Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package
10-Dec-14
VOD223T VISHAY-VOD223T Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel,SOIC-8 Package
10-Dec-14
VOD223T VISHAY-VOD223T_V02 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel,SOIC-8 Package
10-Dec-14
More results


Similar Description - VOD223T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD205T VISHAY-ILD205T Datasheet
376Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package
26-Oct-04
ILD223T VISHAY-ILD223T_07 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package
20-Apr-07
VOD223T VISHAY-VOD223T Datasheet
114Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package
10-Dec-14
ILD205T VISHAY-ILD205T_15 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T_V01 Datasheet
87Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
ILD223T VISHAY-ILD223T_V01 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package
20-Apr-07
VOD205T VISHAY-VOD205T_V02 Datasheet
122Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
VOD223T VISHAY-VOD223T_V02 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel,SOIC-8 Package
10-Dec-14
ILD205T VISHAY-ILD205T_V02 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD223T VISHAY-ILD223T_V02 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package
20-Apr-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com