Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV60K07 Datasheet (PDF) - Stackpole Electronics, Inc.

SV60K07 Datasheet PDF - Stackpole Electronics, Inc.
Part # SV60K07
Download  SV60K07 Download
File Size   230.81 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Special Medium Voltage Leaded Varistor

SV60K07 Datasheet (PDF)

Go To PDF Page Download Datasheet
SV60K07 Datasheet PDF - Stackpole Electronics, Inc.

Part # SV60K07
Download  SV60K07 Click to download

File Size   230.81 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Special Medium Voltage Leaded Varistor

SV60K07 Datasheet (HTML) - Stackpole Electronics, Inc.


SV60K07 Product details

Features:

Standard Varistor Types
• AC operating voltage (Vrms) from 60V to 680V
• DC operating voltage (Vdc) from 85V to 895V
• 6 model sizes equivalent to standard disc varistors from 5 mm to 23 mm
• Smaller nominal dimensions
• Broad range of current and energy handling capabilities
• +85ºC continuous operating temperature
• Low clamping voltage
• Available with straight and crimped leads
• UL1449, 3rd Ed. and CSA C22.2 certified
• Available in tape and reel for automatic pick and place
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant

Full Custom Parameter Design Varistors
• AC operating voltage range (Vrms) from 60V to 1000V
• DC operating voltage (Vdc) from 85V to 1300V
• Indefinite number of both square and rectangular shape, the maximum one being 23 x 23 mm
• Broad range of current and energy handling capabilities
• +125ºC continuous operating temperature
• Electrical parameters available for custom designs are: AC / DC operating voltage, leakage current, clamping voltage, maximum surge current, energy absorption level, maximum dissipation power and threshold voltage temperature coefficient
• Available in tape and reel for automatic pick and place
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant

Description:

The SV Series of transient voltage suppressors are epoxy-coated square or rectangular shaped leaded varistors with AC operating voltage ranging 60V to 680V. There are two versions of these varistors.
The standard version of square varistors, featuring extremely high-current and high-energy capabilities and low clamping voltages, provides an increased level of protection necessary for the transients expected in telecommunications and AC power networks. Compared to standard disc varistors, SV series varistors realize electrical equivalent values in smaller nominal dimensions.
In the custom version of the SV series, a customer can design (on their own or with our help) an optimum varistor with minimum dimensions to satisfy a specific application. A customer can choose from the following parameters: non-standard DC/AC operating voltage, leakage current, clamping voltage, maximum surge current, energy absorption level, maximum dissipation power, as well as shape (dimensions being the function of required electrical parameters and vice-versa.




Similar Part No. - SV60K07

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SV60K10 BOURNS-SV60K10 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
SV60K14 BOURNS-SV60K14 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
SV60K20 BOURNS-SV60K20 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
SV60K5 BOURNS-SV60K5 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
SV60K7 BOURNS-SV60K7 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
More results


Similar Description - SV60K07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6921ZOV110RA04 ETC2-D6921ZOV110RA04 Datasheet
39Kb / 2P
14mm Varistor Radial Leaded
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Bourns Electronic Solut...
SV60K5 BOURNS-SV60K5 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
logo
Schurter Inc.
AVTT SCHURTER-AVTT_V01 Datasheet
885Kb / 6P
Radial Leaded Varistor
10.12.2013
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
CVH SEI-CVH Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
Low & Medium Voltage SMD Varistor
08/22/2019
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
Low Voltage Leaded Varistor
02/15/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com