Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC32306FTG Datasheet (PDF) - Toshiba Semiconductor

TC32306FTG Datasheet PDF - Toshiba Semiconductor
Part # TC32306FTG
Download  TC32306FTG Download
File Size   1950.58 Kbytes
Page   102 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-Chip RF Transceiver for Low-Power Systems

TC32306FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC32306FTG Datasheet PDF - Toshiba Semiconductor

Part # TC32306FTG
Download  TC32306FTG Click to download

File Size   1950.58 Kbytes
Page   102 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-Chip RF Transceiver for Low-Power Systems

TC32306FTG Datasheet (HTML) - Toshiba Semiconductor


TC32306FTG Product details

1. General Description
The TC32306FTG is a single-chip RF transceiver, which
provides many of the functions required for UHF-band
transceiver applications. It has the most features transmitting
and receiving the signal.
Furthermore, by digital processing, it can reduce significantly the
number of external components and allow fine adjustments.
Various type of applications are supported by this chip as
configuring various settings such as supply voltage, frequency,
modulation and detection

2. Applications
Remote keyless entry (remote door lock / unlock of equipment),
automotive equipment applications such as tire pressure monitoring system, and remote controller, etc

3. Features
• Integrates LNA, Mixer, IF Filter, IF AMP, RSSI, Signal Detector, Bit Rate Filter, Data Comparator, PLL, VCO
and PA into a single IC.
• Operating voltage range: 2.0 to 3.3 V (For 3V Use), 2.4V to 5.5V (For 5V Use)
• Current consumption: TX 12 mA at +10dBm output level / RX 9.7 mA / Battery Saving 0μA (typ.)
• Use for four RF Band: 315, 434, 868 / 915 MHz
• Supported modulation: ASK / FSK
• Single conversion system
• Two IF Filter bandwidth: wide 320kHz(typ.) at IF = 230kHz / middle 270kHz(typ.) at IF = 280kHz
• Signal Detections: RSSI detection, Noise detection (Only for FSK), Preamble detection
• Receiver sensitivity: under -116dBm (At IF BW = 320kHz, data rate = 600Hz, frequency deviation = +/-40kHz)
• Transmitter power: +10dBm (typ. at setting maximum output)
• Serial control (4 wire SPI) / EEPROM control
• Data Comparator Quick Charge / AutoOff Control / Antenna Switch Control




Similar Part No. - TC32306FTG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC3200 FUMAN-TC3200 Datasheet
147Kb / 3P
Low noise DC/DC converter IC
logo
France Joint
TC320X350X20 FRANCEJOINT-TC320X350X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC320X360X18 FRANCEJOINT-TC320X360X18 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC320X360X20 FRANCEJOINT-TC320X360X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
Telink
TC3215CE09T48R TELINK-TC3215CE09T48R Datasheet
4Mb / 183P
Datasheet for Telink Bluetooth LE SoC TC321x
Ver 0.8.1
More results


Similar Description - TC32306FTG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com