Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC35681FSG Datasheet (PDF) - Toshiba Semiconductor

TC35681FSG Datasheet PDF - Toshiba Semiconductor
Part # TC35681FSG
Download  TC35681FSG Download
File Size   1135.31 Kbytes
Page   91 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC

TC35681FSG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC35681FSG Datasheet PDF - Toshiba Semiconductor

Part # TC35681FSG
Download  TC35681FSG Click to download

File Size   1135.31 Kbytes
Page   91 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC

TC35681FSG Datasheet (HTML) - Toshiba Semiconductor


TC35681FSG Product details

1.2. Features
 Wireless communication function
 Compliant with Bluetooth® Low Energy Ver.5.0 specification.
 Built-in Bluetooth® baseband circuit
 Built-in Bluetooth® RF circuit
 Maximum output power: +8 dBm
 Maximum RX sensitivity: -105.0 dBm (in case of Coded PHY and S = 8)
 RSSI accuracy: ±2 dB (in case of -90 to -10 dBminput)
 HCI commands/Extended HCI commands (implemented in the mask ROM)
 Control API in GATT/SMlayer (TCU commands: Toshiba Command Unit) (implemented in the mask ROM)
 Auto-advertising feature
 Output power setting feature
 Microcontroller unit
 Built-in Arm® Cortex®-M0 processor (Maximum operating frequency is 32 MHz.)
 Built-in mask ROM
 Boot loader
 API for the hardware control
 Bluetooth® wireless function API
 Bluetooth® protocol stack
 Built-in retention SRAM (User area is 76 KB out of total 144 KB.)
 Built-in serial Flash memory (TC35680 only)
 Memory capacity: 128 KB
 Sector size: 4 KB
 Endurance: 100,000 times
 Interface, AD converter, and Debug function
 General-purpose I/O(GPIO) (18 pins)
 General-purpose serial interfaces
 UARTinterface (2 channels. Shared with the GPIOpins.)
 HCImode: One channel is used as a host interface (9600 bps to 921.6 kbps)
 User-Appmode: 600 to 2000 kbps (Maximum baudrate may be 2000 kbps or less and depends on userapplication
program.)
 SPI interface (2 channels. Shared with the GPIOpins.)
 I2C interface (2 channels. Shared with the GPIOpins.)
 TC35681 uses one channel as the interface to the EEPROMfor User-App mode.
 PWMinterface (4 channels. Shared with the GPIOpins.)
 Pulse generation function
 “Rhythmfunction” (function to mask a pulse signal)
 AD converter (ADC)
 General-purpose voltage measurement (5 channels. Shared with the GPIOpins.)
 Power supply voltage (VBAT)measurement (1 channel. Connected internally.)
 Interface for Emulator debug control
 SWD (Serial Wire Debug): 2-wire system (1 channel)
 Clock
 Reference clock (32 MHz)
 Built-in crystal oscillator with a frequency adjustment function
 Sleep clock (32.768 kHz)
 Built-in crystal oscillator with a frequency adjustment function
 External clock input is supported.
 Built-in silicon oscillator (SiOSC)
 Sleep clock output function (Shared with the GPIOpins.)
 Power supply
 Power supply circuit
 Support for wide range of the input power voltage
 DC/DC converter and LDOregulator are integrated.
 Built-in Power Management Unit for the low power consumption function.
 Independent power pins for the I/O circuits (VDDIO)
 System function
 2 system configurations are supported.
 Host-controlled system (Ahost CPU controls this device.)
 Standalone system (The operation of this device is controlled by its own CPU.)
 3 operating modes are supported.
 HCImode
 Control by HCI and Extended HCI commands
 User application (firmware) programming
 For radio certification tests in different countries and regions
 For Bluetooth® qualification test
 For other RF tests
 Completemode
 Control of this device by the TCU commands (Control commands in the GATT/SMlayer)
 User-Appmode
 Download function of a user application program to this device
 Download from the built-in Flash memory or host CPU (TC35680)
 Download from an external EEPROMor a host CPU (TC35681)
 Execution of a user application program
 Low power system feature
 3 low power modes (Sleep, Backup, and Deep Sleep)
 Support for Interrupts
 Patch support
 Patch function (maximum 4)
 Auto-patch function
 DMAsupport
 Built-in 7-channel DMAcontroller (2 to 6 channels are available for a user.)
 Clock and Timer
 RTC
 RTC function with the accuracy of sleep clock frequency
 Clock and Calendar function: YY/MM/DD hh:mm:ss (24-hour clock) and day of the week
 Alarm function:Alarm setting by hh:mmand either a date or a day, and an interrupt by the alarm generation
 Leap year function (the exceptional procedure for every 100 years is not supported.)
 RTC is working even in the Sleep and Backupmodes.
 Timer
 BCTimer
 3-channel hardware timer (One channel is dedicated to the system.)
 16-bit counter which can be loaded automatically every 1 μs at minimum.
 The count of the timer stops in low power mode.
 GTimer
 1-channel hardware timer
 Built-in prescaler to divide the clock (1 to 1024 division). The minimum interval is 38 ns to 39 μs.
 16-bit counter which can be loaded automatically.
 The count of the timer stops in low power mode.
 OS timer (1-second timer and 1-ms timer)
 Timer controlled by the OS
 Watchdog timer (WDT) function
 Security
 True Random Number Generator (TRNG)
 Arandom number of 256 bits at maximum is generated by DRBG and ESG.
 Compliant with NIST SP800-22 and BSI random number test.
 Hardware encryption engine (AES128, only encryption)
 Package
 TC35680FSG/TC35681FSG: QFN package [40 pins, 5mmx 5 mm, 0.4-mmpitch, and 0.9-mmthickness]




Similar Part No. - TC35681FSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35681 TOSHIBA-TC35681 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
TC35681IFTG TOSHIBA-TC35681IFTG Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
TC35681IFTG-002 TOSHIBA-TC35681IFTG-002 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
TC35681IFTG-002-EL TOSHIBA-TC35681IFTG-002-EL Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
More results


Similar Description - TC35681FSG

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
BWA-ANTKIT-002 BANNER-BWA-ANTKIT-002 Datasheet
97Kb / 1P
Antenna Kit BWA-ANTKIT-002
logo
Toshiba Semiconductor
TC35678FSG-002 TOSHIBA-TC35678FSG-002 Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC35679IFTG-002 TOSHIBA-TC35679IFTG-002 Datasheet
586Kb / 45P
TC35679IFTG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC3567CFSG-002 TOSHIBA-TC3567CFSG-002 Datasheet
616Kb / 49P
TC3567CFSG-002 Bluetooth® low energy IC
2018-04-06 Rev 1.1
TC3567DFSG-002 TOSHIBA-TC3567DFSG-002 Datasheet
697Kb / 49P
TC3567DFSG-002 Bluetooth® low energy IC
2018-04-26 Rev 1.2
TC35681IFTG-002 TOSHIBA-TC35681IFTG-002 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
logo
List of Unclassifed Man...
T0050101599 ETC2-T0050101599 Datasheet
364Kb / 2P
RTP 002 C MS
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
C&K Components
3401-002 CK-COMPONENTS-3401-002 Datasheet
1Mb / 15P
3401-002 D*MA Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com