Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC358749XBG. Datasheet (PDF) - Toshiba Semiconductor

TC358749XBG. Datasheet PDF - Toshiba Semiconductor
Part # TC358749XBG.
Download  TC358749XBG. Download
File Size   473.66 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic

TC358749XBG. Datasheet (PDF)

Go To PDF Page Download Datasheet
TC358749XBG. Datasheet PDF - Toshiba Semiconductor

Part # TC358749XBG.
Download  TC358749XBG. Click to download

File Size   473.66 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic

TC358749XBG. Datasheet (HTML) - Toshiba Semiconductor


TC358749XBG. Product details

Features
● HDMI-RX Interface
 HDMI® 1.4b
- Video Formats Support (Up to 1080P @60fps)
 RGB, YCbCr444: 24-bpp @60fps
 YCbCr422 24-bpp @60fps
- Audio Supports
 Internal Audio PLL to track N/CTS value
transmitted by the ACR packet.
- 3D Support
- HDCP1.3 Support (optional)
- EDID Support
 Release A, Revision 1 (Feb 9, 2000)
 First 128 byte (EDID 1.3 structure)
 First E-EDID Extension: 128 bytes of CEA
Extension version 3 (specified in CEA-861-D)
 Embedded 1 K-byte SRAM (EDID_SRAM)
- Maximum HDMI® clock speed: 165 MHz
 Does not support Audio Return Path and HDMI®
Ethernet Channels
● DSI TX Interface
 MIPI DSI compliant (Version 1.1 22 November
2011)
 Supports up to 4 data lanes @1Gbps/lane
 Supports video data formats
- RGB888 or RGB666
● I2C Slave Interface
 Support for normal (100 kHz), fast mode (400
kHz) and ultra-fast mode (2 MHz)
 Configure all TC358779XBG internal registers
 Support 2 I2C Slave Addresses (7’h0F & 7’h1F)
selected through boot-strap pin (INT)
● Audio Output Interface
Any of the three audio interfaces are available: I2S,
TDM or IEC60958 (pins are multiplexed)
 I2S Audio Interface
- Up to 4 data lanes for 8-channel data
- Support Master Clock mode only
- Support 16, 18, 20 or 24-bit data (depend on
HDMI® input stream)
- Support Left or Right-justify with MSB first
- Support 32 bit-wide time-slot only
- Output Audio Over Sampling clock (256fs)
- Support IEC 60958 & 61937 formats
(depending upon HDMI® input stream) over I2S
- Supports HBR audio stream split across 4 I2S
lines if bandwidth higher than 12 MHz
 TDM (Time Division Multiplexed) Audio Interface
- Fixed to 8 channels
- Support Master Clock mode only
- Support 16, 18, 20 or 24-bit PCM audio data
word (depend on HDMI® input stream)
- Support 32 bit-wide time slot only
- Output Audio OverSampling clock (256fs)
 Digital Audio Interface
- Supports 2 channels (any 2 of the total 8)
(depend on HDMI® input stream)
- Support IEC 60958 & 61937 formats
(depending upon HDMI® input stream)
● Video Processing
 Input formats accepted:
- RGB or YCbCr422
- Interlaced or Progressive
- 2D or 3D
- Limited to 165 MHz PClk, 640×480, 720×480,
720×576, 1280×720 or 1920×1080 are
expected when scalar is used
 Output formats supported:
- RGB888 or RGB666
- Interlaced (in case of no video processing) or
Progressive
- 2D or 3D
- Limited by 4Gbps D-PHY bandwidth, 720×480,
1280×720 or 1920×1080 are expected when
scalar is invoked
 Scaling:
- Hardware performs scaling automatically based
on input and output frame size
 HDMI Rx received input frame size and Panel
size programmed in registers
 Can be overwritten by Software if necessary
- Horizontal Scaling factors supported:
 3-to-2, 1-to-2, 3-to-4, 3-to-8, 9-to-4 and 9-to-16
 2-to-3 and 1-to-3
- Vertical Scaling factors supported:
 1-to-2, 3-to-2 and 3-to-4
 2-to-1 and 3-to-1
 2-to-3 and 4-to-9
 4-to-5 and 8-to-15
- Special handling of 3D formats FP, SBS & T&B
to avoid boundary artifacts.
 Color Space Conversion
- RGB  YCbCr
- Two sets of coefficients provided – 1 set for
each direction
- Both color space convertors can be
enabled/disabled independent of each other.
● InfraRed (IR)
 Support NEC InfraRed protocol.
● System
 Internal core has two power domains (VDDC1
and VDDC2)
- VDDC1 is “always-on” power domain
- VDDC2 can be shut-off during deep sleep mode
● Power supply inputs
 Core and MIPI D-PHY: 1.2 V
 I/O: 1.8 V – 3.3 V
 HDMI®: 3.3 V
 VPLL: 1.2 V




Similar Part No. - TC358749XBG.

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC358749XBG TOSHIBA-TC358749XBG Datasheet
480Kb / 18P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-11-13 Rev. 1.1
More results


Similar Description - TC358749XBG.

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com