Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDRU-W-EO Datasheet (PDF) - EnOcean GmbH.

LEDRU-W-EO Datasheet PDF - EnOcean GmbH.
Part # LEDRU-W-EO
Download  LEDRU-W-EO Download
File Size   3291.92 Kbytes
Page   2 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description LED Relay Zone Controller 0-10V

LEDRU-W-EO Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDRU-W-EO Datasheet PDF - EnOcean GmbH.

Part # LEDRU-W-EO
Download  LEDRU-W-EO Click to download

File Size   3291.92 Kbytes
Page   2 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description LED Relay Zone Controller 0-10V

LEDRU-W-EO Datasheet (HTML) - EnOcean GmbH.


LEDRU-W-EO Product details

Features & Benefits
• Interoperable. Communicates wirelessly with other
devices using the EnOcean wireless standard.
• Enables wireless dimming of a single fixture or a zone of
multiple daisy chained LED fixtures (e.g. 20 each 30W or 10 each 60W).
• Supports CaliforniaTitle 24 daylight harvesting scenarios, occupancy
control and manual dimming with input from self-powered wireless
switches and sensors. Implements load shedding initiated by separate
demand response controllers.
• Compact size enables flexible installation inside or next to
electrical boxes and fixtures.
• Electric surge protection exceeds IEC61000-4-5 installation
class 4.
• Commission your LED lighting with EnOcean's intuitive,
easy-to-use wireless Navigan™ software to link devices and
set parameters (e.g. timeouts, ramp speeds) from a laptop
computer. Manual push buttons may also be used for
linking and simple commissioning.
• Two molded buttons and one LED indicator light can be
used to configure or manually control the device.




Similar Part No. - LEDRU-W-EO

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
LEDRU-W-AU ENOCEAN-LEDRU-W-AU Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
V1.5
More results


Similar Description - LEDRU-W-EO

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWG50210 CELDUC-SWG50210 Datasheet
246Kb / 3P
ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
logo
LinkCom Manufacturing C...
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
0-10V Dimmable
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
0-10V Dimmable
logo
Bright Power Semiconduc...
BP5001 BPS-BP5001 Datasheet
240Kb / 2P
0/1~10V, Resistor Dimming Interface Controller
logo
LinkCom Manufacturing C...
DAL000N802AON0-00G LINKCOM-DAL000N802AON0-00G Datasheet
193Kb / 2P
DALI 0-10V Relay Driver
logo
EnOcean GmbH.
LEDDU ENOCEAN-LEDDU Datasheet
3Mb / 2P
LED Controller 0-10V
V1.2
LEDRU-W-AU ENOCEAN-LEDRU-W-AU Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
V1.5
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com