Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM320 Datasheet (PDF) - EnOcean GmbH.

STM320 Datasheet PDF - EnOcean GmbH.
Part # STM320
Download  STM320 Download
File Size   216.33 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Energy Harvesting Magnet Contact Transmitter Module

STM320 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM320 Datasheet PDF - EnOcean GmbH.

Part # STM320
Download  STM320 Click to download

File Size   216.33 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Energy Harvesting Magnet Contact Transmitter Module

STM320 Datasheet (HTML) - EnOcean GmbH.


STM320 Product details

Features Overview
Power supply solar cell
Antenna helix antenna
Frequency / Learn Button STM 320: 868.3 MHz, side button
STM 329: 868.3 MHz, back button
STM 320U: 902.875 MHz, side button
Radiated output power STM 320: max. 6.4 dBm (EIRP)
STM 329: max. 5 dBm (EIRP) STM 320U: +99 dBμV/m ± 2 dB
Data rate / Modulation type 125 kBit/s / ASK (868.3 MHz) / FSK (902.875 MHz)
EnOcean Equipment Profile D5-00-01
SIGNAL 0x0E (Entering Transport Mode)
Start-up time with empty energy storage typ. <2.5 min @ 400 lux, 25°C
Initial operation time in darkness @25°C1 min. 10 days, if energy storage fully charged
Reed contact 1x internal, Meder MK23-90-BV14496 or MK01-I
Teach-in button 1x internal
Transmission indicator 1x LED
Module dimensions 43 x 16 x 6 mm
Operating temperature1 -20 up to +60 °C
Encryption Algorithms
VAES 128, CMAC – STM 320 / STM 329
Radio approvals
STM 320 (max. radiated power +6.4dBm whip): RED (EU)
STM 329 (max. radiated power+5 dBm helix) : RED (EU)
STM 320U: FCC (US) / ISED (CA)




Similar Part No. - STM320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
293Kb / 3P
Evaluation board for STM32 F0 series with STM32F072VB MCU
January 2014 Rev 1
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
3Mb / 26P
STM32 development boards
More results


Similar Description - STM320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBC5300 ETC2-CBC5300 Datasheet
633Kb / 11P
EnerChip EH Energy Harvesting Module
logo
Maxim Integrated Produc...
MAX17710_1107 MAXIM-MAX17710_1107 Datasheet
1Mb / 17P
Energy-Harvesting Charger and Protector
Rev 1; 7/11
logo
Cymbet Corporation
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
EnerChip??Energy Processor for Energy Harvesting Applications
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
Solar Cell Energy Harvesting
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
EnerChip Energy Processor for Energy Harvesting Applications
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
ENERGY HARVESTING ELECTRONICS
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
ENERGY HARVESTING ELECTRONICS
logo
Linear Technology
DC2042A LINER-DC2042A_15 Datasheet
127Kb / 2P
ENERGY HARVESTING MULTI-SOURCE DEMOBOARD
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
Energy Harvesting
06/23/16
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com