Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM330 Datasheet (PDF) - EnOcean GmbH.

STM330 Datasheet PDF - EnOcean GmbH.
Part # STM330
Download  STM330 Download
File Size   220.36 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Sensor Transmitter Module

STM330 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM330 Datasheet PDF - EnOcean GmbH.

Part # STM330
Download  STM330 Click to download

File Size   220.36 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Sensor Transmitter Module

STM330 Datasheet (HTML) - EnOcean GmbH.


STM330 Product details

Available variants frequency, antenna, learn button
STM 330: 868.3 MHz, whip, back button
STM 331: 868.3 MHz, helical, back button
STM 331U: 902.875 MHz, helical, back button
STM 332U: 902.875 MHz, whip, side button
STM 333U: 902.875 MHz, helical, side button
Data rate/Modulation type
125 kbps / ASK (868 MHz), FSK (902 MHz)
Radiated output power
STM 330: +8 dBm1 (EIRP) ± 2.5 dB2
STM 331: +5 dBm (EIRP) ± 2.5 dB
STM 331U: +99 dBμV/m ± 2 dB
STM 332U: +101 dBμV/m ± 2 dB
STM 333U: +99 dBμV/m ± 2 dB
Power supply @ VDD
Pre-installed solar cell
Operation time in darkness @ 25°C
min. 10 days, if energy storage fully charged3
Operation start up time with empty energy store
typ. <2.5 min @ 400 lux / 25 °C incandescent or fluorescent light
Input channels
Internal: temperature sensor, LRN button
External: occupancy button, set point dial, HSM 100
Temperature sensor
Measurement range 0-40 °C, resolution 0.16 K
Accuracy typ. ±0.5 K between 17 °C and 27 °C
typ. ±1 K between 0 °C and 40 °C
EnOcean Equipment Profiles
configurable EEPs: A5-02-05 (default), A5-02-30, A5-10-05, A5-10-03
and with HSM 100: A5-04-01, A5-10-10, A5-10-12
SIGNAL 0x0E (Entering Transport Mode)
Connector
20 pins, grid 1.27 mm, □ 0.4 mm
Radio regulations
RED (EU): STM 330 / STM331
FCC (US) / ISED (CA): STM 331U / STM 332U / 333U




Similar Part No. - STM330

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
STM330 ENOCEAN-STM330 Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
More results


Similar Description - STM330

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
Transmitter Module
logo
List of Unclassifed Man...
MO-TX4915-F ETC-MO-TX4915-F Datasheet
192Kb / 4P
FSK TRANSMITTER MODULE
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
FM Transmitter Module
54127 ETC2-54127 Datasheet
123Kb / 3P
AM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
Wireless Sensor Transmitter Module
logo
Pepperl+Fuchs Inc.
UBE15M-F54-H1-V1 PF-UBE15M-F54-H1-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-F54-H2-V1 PF-UBE15M-F54-H2-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-H1 PF-UBE15M-H1 Datasheet
501Kb / 4P
Ultrasonic sensor, transmitter
logo
EnOcean GmbH.
STM332U ENOCEAN-STM332U Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
STM431J ENOCEAN-STM431J Datasheet
120Kb / 1P
Sensor Transmitter Module
July 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com