Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM550 Datasheet (PDF) - EnOcean GmbH.

STM550 Datasheet PDF - EnOcean GmbH.
Part # STM550
Download  STM550 Download
File Size   134.15 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Multisensor Module

STM550 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM550 Datasheet PDF - EnOcean GmbH.

Part # STM550
Download  STM550 Click to download

File Size   134.15 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Multisensor Module

STM550 Datasheet (HTML) - EnOcean GmbH.


STM550 Product details

Features overview
Transmission Frequency / Data Rate
868.300 MHz / 125 kbps
Transmission Power
+5 dBm
Transmission Range (for guidance only)
typ. 200 m free field / 30 m indoor environment
Temperature Measurement Range / Accuracy
-20 °C … +60 °C (NOTE 1) / ± 0.3 K
Humidity Measurement Range / Accuracy
0 … 100 % r.h. (NOTE 1) / ± 3% r.h.
Illumination Measurement Range / Accuracy
0 … 65000 Lux (NOTE 1) / ± 10 %
Acceleration Measurement Range / Accuracy
± 2 g / ± 0.03 g
Acceleration Wake Threshold
0.03 g (default, configurable via NFC)
Update Rate (excl. random offset)
Every 60 seconds (configurable via NFC)
Device Configuration
NFC (ISO 14443)
Supported EEP (selectable via NFC)
D2-14-41 (default)
D2-14-40, A5-02-05, A5-04-01, A5-04-03
A5-06-02, A5-06-03, A5-14-05, D5-00-01
Power Supply
Integrated solar cell
Operating Time In Darkness (at 25°C)
4 days (after full charge)
Backup Power Supply (optional)
CR1632
Dimensions (STM 550 module)
40 mm x 40 mm x 13 mm
Operating Temperature / Humidity
-5°C … +45°C / 0 … 90% r.h. (non-condensing)




Similar Part No. - STM550

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
STM550 ENOCEAN-STM550 Datasheet
119Kb / 1P
Easyfit Multisensor
September 2020
STM550KIT ENOCEAN-STM550KIT Datasheet
119Kb / 1P
Easyfit Multisensor
September 2020
More results


Similar Description - STM550

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
module
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
Module
logo
EnOcean GmbH.
EMSIA ENOCEAN-EMSIA Datasheet
119Kb / 1P
Easyfit Multisensor
September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com