Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY22L-1PC Datasheet (PDF) - ATMEL Corporation

ATTINY22L-1PC Datasheet PDF - ATMEL Corporation
Part # ATTINY22L-1PC
Download  ATTINY22L-1PC Download
File Size   252.0 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K Bytes of In-System Programmable Flash

ATTINY22L-1PC Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY22L-1PC Datasheet PDF - ATMEL Corporation

Part # ATTINY22L-1PC
Download  ATTINY22L-1PC Click to download

File Size   252.0 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K Bytes of In-System Programmable Flash

ATTINY22L-1PC Datasheet (HTML) - ATMEL Corporation


ATTINY22L-1PC Product details

Description
The ATtiny22/L is a low-power CMOS 8-bit microcontrollers based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny22/L achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• Utilizes the AVR® RISC Architecture
• AVR - High-performance and Low-power RISC Architecture
   – 118 Powerful Instructions - Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Up to 8 MIPS Throughput at 8 MHz
• Data and Nonvolatile Program Memory
   – 2K Bytes of In-System Programmable Flash Endurance 1,000 Write/Erase Cycles
   – 128 Bytes of internal SRAM
   – 128 Bytes of In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles
   – Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
   – One 8-bit Timer/Counter with Separate Prescaler
   – Programmable Watchdog Timer with On-chip Oscillator
   – SPI Serial Interface for In-System Programming
• Special Microcontroller Features
   – Low-power Idle and Power Down Modes
   – External and Internal Interrupt Sources
   – Power-on Reset Circuit
   – Selectable On-chip RC Oscillator
• Specifications
   – Low-power, High-speed CMOS Process Technology
   – Fully Static Operation
• Power Consumption at 4 MHz, 3V, 25°C
   – Active: 2.4 mA
   – Idle Mode: 0.5 mA
   – Power Down Mode: <1 µA
• I/O and Packages
   – 5 Programmable I/O Lines
   – 8-pin PDIP and SOIC
• Operating Voltages
   – 2.7 - 6.0V (ATtiny22L)
   – 4.0 - 6.0V (ATtiny22)
• Speed Grades
   – 0 - 4 MHz (ATtiny22L)
   – 0 - 8 MHz (ATtiny22)




Similar Part No. - ATTINY22L-1PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY22L-1PC ATMEL-ATTINY22L-1PC Datasheet
884Kb / 56P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Similar Description - ATTINY22L-1PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
AT90S2323 ATMEL-AT90S2323 Datasheet
983Kb / 64P
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com