Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF286S Datasheet (PDF) - Motorola, Inc

MRF286S Datasheet PDF - Motorola, Inc
Part # MRF286S
Download  MRF286S Download
File Size   200.01 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors

MRF286S Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF286S Datasheet PDF - Motorola, Inc

Part # MRF286S
Download  MRF286S Click to download

File Size   200.01 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors

MRF286S Datasheet (HTML) - Motorola, Inc


MRF286S Product details

2000 MHz, 60 W, 26 V LATERAL N–CHANNEL BROADBAND RF POWER MOSFETs



N–Channel Enhancement–Mode Lateral MOSFETs

Designed for PCN and PCS base station applications at frequencies from 1000 to 2400 MHz. Suitable for FM, TDMA, CDMA, and multicarrier amplifier applications. To be used in class A and class AB for PCN–PCS/cellular radio and WLL applications.


 



• Specified Two–Tone Performance @ 2000 MHz, 26 Volts

  Output Power — 60 Watts (PEP)

   Power Gain — 9.5 dB

   Intermodulation Distortion — –28 dBc

• Typical Two–Tone Performance at 2000 MHz, 26 Volts

   Output Power — 60 Watts (PEP)

   Power Gain — 10.5 dB

   Efficiency — 32%

   Intermodulation Distortion — –30 dBc

• S–Parameter Characterization at High Bias Levels

• Capable of Handling 10:1 VSWR, @ 26 Vdc, 2000 MHz, 60 Watts (CW) Output Power

• Excellent Thermal Stability

• Characterized with Series Equivalent Large–Signal Impedance Parameters




Similar Part No. - MRF286S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF281 MOTOROLA-MRF281 Datasheet
311Kb / 8P
RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF281 FREESCALE-MRF281 Datasheet
282Kb / 8P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF281SR1 MOTOROLA-MRF281SR1 Datasheet
311Kb / 8P
RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF281SR1 FREESCALE-MRF281SR1 Datasheet
282Kb / 8P
RF Power Field Effect Transistors
MRF281SR1 FREESCALE-MRF281SR1_06 Datasheet
282Kb / 8P
RF Power Field Effect Transistors
More results


Similar Description - MRF286S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1518T1 MOTOROLA-MRF1518T1 Datasheet
553Kb / 16P
The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030LR1 MOTOROLA-MRF9030LR1 Datasheet
547Kb / 12P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
MRF21120 MOTOROLA-MRF21120 Datasheet
401Kb / 8P
The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com