Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65430R Datasheet (PDF) - EnOcean GmbH.

65430R Datasheet PDF - EnOcean GmbH.
Part # 65430R
Download  65430R Download
File Size   512.88 Kbytes
Page   2 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description FT USB Module

65430R Datasheet (PDF)

Go To PDF Page Download Datasheet
65430R Datasheet PDF - EnOcean GmbH.

Part # 65430R
Download  65430R Click to download

File Size   512.88 Kbytes
Page   2 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description FT USB Module

65430R Datasheet (HTML) - EnOcean GmbH.


65430R Product details

Features and Benefits

• USB interface for LON FT networks for any
edge server, gateway, controller, or device,
including SmartServer™ IoT
• Compatible with IzoT Net Server, OpenLNS®
Server, LNS® Server and OpenLDV
applications
• Works with IzoT Net and LNS compatible
applications such as the IzoT Commissioning
Tool and LonMaker Integration Tool
• Compatible with SmartServer IoT
• Compact 72mm x29mm (2.8″ x 1.1″) boardlevel
form factor with 2.54mm center pin
headers for simple integration
• Powered by 3.3VDC input
• Source code available as download for a
Linux-compatible driver

Product Description

The U60 FT USB network interface module enables a controller or
computer to communicate with LON and IzoT™ networks via USB.
The compact boards include network and USB pin headers for simple
integration into any controller or device.
The U60 is an interface to LON/IP-FT and LON-FT and is compatible with
OpenLDV 5 and with hosts implementing the LON/IP stack which provides
source code for LON/IP and LON compatible protocol stacks.
The interface facilitates communication to everyday devices like pumps,
motors, valves, sensors, actuators and lights for process control, building
automation, energy management, transportation systems control and
telecommunications equipment management.
Tx and Rx signals provide an indication of LON packet transmission and
reception and a service signal communicates device status to the host via
the USB interface enabling the host controller to provide status indicators.
Optional on-board Tx, Rx and service LED indicators are available.




Similar Part No. - 65430R

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
654321 GRAYHILL-654321 Datasheet
5Mb / 33P
Custom, Absolute
logo
Belden Inc.
6543PA BELDEN-6543PA Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
6543PA-0081000 BELDEN-6543PA-0081000 Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
6543PA-0085000 BELDEN-6543PA-0085000 Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
logo
List of Unclassifed Man...
6543PA0081000 ETC2-6543PA0081000 Datasheet
100Kb / 3P
22 AWG BC cond, FEP insul, cond twisted into pairs and individually shielded w/Beldfoil
More results


Similar Description - 65430R

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E1735A HP-E1735A Datasheet
104Kb / 1P
USB Axis Module
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671 Datasheet
153Kb / 1P
GPIB USB Module
logo
List of Unclassifed Man...
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
USB-Disk Module?
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671_15 Datasheet
137Kb / 1P
GPIB USB Module
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
USB Network Interface ??TP/FT-10 Channel
logo
Leopard Imaging Inc.
LI-USB30-C661X LEOPARD-LI-USB30-C661X Datasheet
162Kb / 2P
USB 3.0 Camera Module
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
USB Dongle Module
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
IOGEAR
G2LU3CCM12E IOGEAR-G2LU3CCM12E Datasheet
159Kb / 2P
USB-C to USB-C 5 Gbps 6.6 Ft. (2m) Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com