Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR372PFRA Datasheet (PDF) - Rohm

2SCR372PFRA Datasheet PDF - Rohm
Part # 2SCR372PFRA
Download  2SCR372PFRA Download
File Size   972.63 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor(120V/0.7A)

2SCR372PFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR372PFRA Datasheet PDF - Rohm

Part # 2SCR372PFRA
Download  2SCR372PFRA Click to download

File Size   972.63 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor(120V/0.7A)

2SCR372PFRA Datasheet (HTML) - Rohm


2SCR372PFRA Product details

Features
Low saturation voltage
 VCE(sat)=300mV(Max.)
 (IC/IB=500mA/50mA)

Application
LOW FREQUENCY AMPLIFIER




Similar Part No. - 2SCR372PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
Midium Power Transistors (120V / 700mA)
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
More results


Similar Description - 2SCR372PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR514P ROHM-2SAR514P_13 Datasheet
431Kb / 8P
PNP -0.7A -80V Middle Power Transistor
2SAR514R ROHM-2SAR514R_15 Datasheet
1Mb / 8P
PNP -0.7A -80V Middle Power Transistor
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -0.7A)
2SCR514PFRA ROHM-2SCR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 0.7A)
2SAR372P5 ROHM-2SAR372P5 Datasheet
1Mb / 10P
PNP -0.7A -120V Middle Power Transistor
2SAR514RHZG ROHM-2SAR514RHZG Datasheet
1Mb / 9P
PNP -0.7A -80V Middle Power Transistor
20190325 - Rev.001
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SCR514PHZG ROHM-2SCR514PHZG Datasheet
1Mb / 9P
Middle Power Transistor (80V / 0.7A)
20181012 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com