Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO3062 Datasheet (PDF) - Vishay Siliconix

VO3062 Datasheet PDF - Vishay Siliconix
Part # VO3062
Download  VO3062 Download
File Size   210.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V

VO3062 Datasheet (PDF)

Go To PDF Page Download Datasheet
VO3062 Datasheet PDF - Vishay Siliconix

Part # VO3062
Download  VO3062 Click to download

File Size   210.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V

VO3062 Datasheet (HTML) - Vishay Siliconix


VO3062 Product details

DESCRIPTION
The VO3062 and VO3063 triac driver family consists of a
GaAs infrared LED optically coupled to a monolithic
photosensitive zero crossing triac detector chip.
The 600 V blocking voltage permits control of off-line
voltages up to 240 VAC, with a safety factor of more than
two, and is sufficient for as much as 380 V.

FEATURES
• 1500 V/μs dV/dt minimum
• 600 V blocking voltage
• 100 mA on-state current
• Zero crossing detector
• Low input trigger current
• 6 pin DIP package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Household appliances
• Triac drive / AC motor drives
• Solenoid / valve controls
• Office automation equipment / machine
• Temperature (HVAC) / lighting controls
• Switching power supply

AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1




Similar Part No. - VO3062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
117Kb / 7P
Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
VO3062-X006 VISHAY-VO3062-X006 Datasheet
122Kb / 7P
Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
VO3062-X006 VISHAY-VO3062-X006 Datasheet
117Kb / 7P
Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
More results


Similar Description - VO3062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
07-Nov-06
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
11-Aug-11
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
22-May-12
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
22-May-12
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
27-Jan-15
VOM160 VISHAY-VOM160_V01 Datasheet
143Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
14-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
27-Jan-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com