Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4258 Datasheet (PDF) - Vishay Siliconix

VO4258 Datasheet PDF - Vishay Siliconix
Part # VO4258_V01
Download  VO4258 Download
File Size   181.88 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

VO4258 Datasheet (PDF)

Go To PDF Page Download Datasheet
VO4258 Datasheet PDF - Vishay Siliconix

Part # VO4258_V01
Download  VO4258 Click to download

File Size   181.88 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, High dV/dt, Low Input Current

VO4258 Datasheet (HTML) - Vishay Siliconix


VO4258 Product details

DESCRIPTION
The VO4258 phototriac consists of a GaAs IRLED optically
coupled to a photosensitive non-zero crossing TRIAC
packaged in a DIP-6 package.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR predriver
resulting in an LED trigger current of 1.6 mA for bin D, 2 mA
for bin H, and 3 mA for bin M.
The new non zero phototriac family use a proprietary dV/dt
clamp resulting in a static dV/dt of greater than 5 kV/μs.
The VO4258 phototriac isolates low-voltage logic from
120 VAC, 240 VAC, and 380 VAC lines to control resistive,
inductive, or capacitive loads including motors, solenoids,
high current thyristors or TRIAC and relays.

FEATURES
• High static dV/dt 5 kV/μs
• High input sensitivity IFT = 1.6 mA, 2 mA, and
3 mA
• 800 V blocking voltage
• 300 mA on-state current
• Isolation rated voltage 4420 VRMS
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Solid-state relays
• Industrial controls
• Office equipment
• Consumer appliances

AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO




Similar Part No. - VO4258_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4258D VISHAY-VO4258D Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
VO4258D-X006 VISHAY-VO4258D-X006 Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
VO4258D-X007T VISHAY-VO4258D-X007T Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
VO4258H-X006 VISHAY-VO4258H-X006 Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
More results


Similar Description - VO4258_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
26-Apr-04
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
30-Aug-06
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
03-Nov-08
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
11-Jun-13
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
13-Apr-12
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
15-Nov-2021
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
22-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com