Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOR2142A8 Datasheet (PDF) - Vishay Siliconix

VOR2142A8 Datasheet PDF - Vishay Siliconix
Part # VOR2142A8
Download  VOR2142A8 Download
File Size   199.28 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 1 Form A Solid-State Relay

VOR2142A8 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOR2142A8 Datasheet PDF - Vishay Siliconix

Part # VOR2142A8
Download  VOR2142A8 Click to download

File Size   199.28 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 1 Form A Solid-State Relay

VOR2142A8 Datasheet (HTML) - Vishay Siliconix


VOR2142A8 Product details

DESCRIPTION
The VOR2142 is a 400 V dual channel normally open
optically isolated solid-state relay (SPST - 1 form A). Based
on hybrid architecture which allows fast switching times
with a wide operating ambient temperature range. A high
efficient GaAlAs IRED enables low forward current on the
input side. On the output side high performance MOSFET
switches provide a low RON and can switch both DC and AC
signals.

FEATURES
• Isolation test voltage 5300 VRMS
• Typical RON 22 Ω
• Load voltage 400 V
• Load current 140 mA
• Clean bounce free switching
• Current limit protection
• Low power consumption
• Wide temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• General telecom switching
• Metering
• Security equipment
• Instrumentation
• Industrial controls
• Battery management systems
• Automatic test equipment

AGENCY APPROVALS
• UL1577, file no. E52744
• DIN EN 60747-5-5 (VDE 0884-5)




Similar Part No. - VOR2142A8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
Dual 1 Form A Solid-State Relay
14-Jun-16
VOR2142A8 VISHAY-VOR2142A8 Datasheet
199Kb / 10P
Dual 1 Form A Solid-State Relay
14-Jun-16
VOR2142A8 VISHAY-VOR2142A8_V02 Datasheet
199Kb / 10P
Dual 1 Form A Solid-State Relay
14-Jun-16
More results


Similar Description - VOR2142A8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
LH1532FP VISHAY-LH1532FP Datasheet
147Kb / 7P
Dual 1 Form A Solid State Relay
26-Oct-04
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
Dual 1 Form A Solid State Relay
AD4C211 SSOUSA-AD4C211 Datasheet
208Kb / 5P
Dual 1 Form A Solid State Relay
AD4C111-E SSOUSA-AD4C111-E Datasheet
167Kb / 4P
Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
Dual 1 Form A Solid-State Relay
25-Jul-11
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
Dual 1 Form A Solid-State Relay
12-Apr-13
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay
05-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com