Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1522AB Datasheet (PDF) - Vishay Siliconix

LH1522AB Datasheet PDF - Vishay Siliconix
Part # LH1522AB
Download  LH1522AB Download
File Size   208.58 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 1 Form A Solid-State Relay (Normally Open)

LH1522AB Datasheet (PDF)

Go To PDF Page Download Datasheet
LH1522AB Datasheet PDF - Vishay Siliconix

Part # LH1522AB
Download  LH1522AB Click to download

File Size   208.58 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 1 Form A Solid-State Relay (Normally Open)

LH1522AB Datasheet (HTML) - Vishay Siliconix


LH1522AB Product details

DESCRIPTION
The LH1522 dual 1 Form A relays are SPST normally open
switches that can replace electromechanical relays in many
applications. They are constructed using a GaAIAs LED for
actuation control and MOSFET switches for the output. In
addition, the LH1522 SSRs employ current-limiting circuitry
when overvoltage protection is provided.

FEATURES
• Isolation test voltage 5300 VRMS
• Current limit protection
• Typical RON 12 Ω
• Load voltage 200 V
• Load current 200 mA / 140 mA
• Clean bounce free switching
• Low power consumption
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• General telecom switching
• Security equipment
• Instrumentation
• Industrial controls
• Automatic test equipment

AGENCY APPROVALS
• UL1577, file no. E52744




Similar Part No. - LH1522AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
Dual 1 Form A Solid State Relay
17-August-01
LH1522AB VISHAY-LH1522AB Datasheet
168Kb / 7P
Dual 1 Form A Solid-State Relay
25-Jul-11
LH1522AB VISHAY-LH1522AB Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
Dual 1 Form A Solid-State Relay
25-Jul-11
LH1522AB VISHAY-LH1522AB_V02 Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results


Similar Description - LH1522AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR2121A8 VISHAY-VOR2121A8 Datasheet
202Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
LH1532AA VISHAY-LH1532AA Datasheet
244Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
22-Sep-2020
LH1532AAC VISHAY-LH1532AAC_V01 Datasheet
243Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
22-Sep-2020
VOR2121A8 VISHAY-VOR2121A8_V01 Datasheet
199Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
LH1505AB VISHAY-LH1505AB_V01 Datasheet
208Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1505AB VISHAY-LH1505AB_V02 Datasheet
209Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
1 Form A Solid-State Relay (Normally Open)
07-Jul-2020
LH1532AAC VISHAY-LH1532AAC_V02 Datasheet
244Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
22-Sep-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
VOR2121A8 VISHAY-VOR2121A8_V02 Datasheet
200Kb / 10P
Dual 1 Form A Solid-State Relay (Normally Open)
05-Sep-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com