Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5165405BJS-40 Datasheet (PDF) - Toshiba Semiconductor

TC5165405BJS-40 Datasheet PDF - Toshiba Semiconductor
Part # TC5165405BJS-40
Download  TC5165405BJS-40 Download
File Size   1066.78 Kbytes
Page   24 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,777,216-WORD x4-BIT EDO (HYPER PAGE) DYNAMIC RAM

TC5165405BJS-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5165405BJS-40 Datasheet PDF - Toshiba Semiconductor

Part # TC5165405BJS-40
Download  TC5165405BJS-40 Click to download

File Size   1066.78 Kbytes
Page   24 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 16,777,216-WORD x4-BIT EDO (HYPER PAGE) DYNAMIC RAM

TC5165405BJS-40 Datasheet (HTML) - Toshiba Semiconductor


TC5165405BJS-40 Product details

DESCRIPTION
The TC5164(5)405BJ/BFT/BJS/BFTS is an EDO (hyper page) dynamic RAM organized as 16,777,216
words by 4 bits. TC5164(5)405BJ/BFT/BJS/BFTS utilizes TOSHIBA's CMOS silicon gate process
technology as well as advanced circuit techniques to provide wide operating margins, both internally
and to the system user. Multiplexed address inputs permit the TC5164(5)405BJ/BFT/BJS/BFTS to be
packaged in either a 32-pin plastic SOJ or a 32-pin plastic TSOP. The package size provides high
system bit densities and is compatible with widely available automated testing and insertion
equipment. Other features include a single power supply of 3.3V±0.3V tolerance and direct interfacing
with high performance logic families such as LVTTL.
FEATURES
16,777,216-word by 4-bit organization
Fast access time and cycle time
TRAC
TAA
tCAC
tRC
tHPC
RAS Access Time
Column Address
Access Time
CAS Access Time
Cycle Time
Hyper Page Mode
Cycle Time
TC5164(5)405
BJ/BFT/BJS/BFTS
-40
40ns
20ns
11ns
69ns
16ns
-50
50ns
25ns
13ns
84ns •
•
20ns
Single power supply of 3.3V±0.3V
with a built-in VBB generator
Low power dissipation (max)
Operating
306mW (TC5164405BJ/BFT/BJS/BFTS-40)
252mW (TC5164405BJ/BFT/BJS/BFTS-50)
432mW (TC5165405BJ/BFT/BJS/BFTS-40)
360mW (TC5165405BJ/BFT/BJS/BFTS-50)
Standby 1.8m W
:
0.72mW (S-version)
Outputs unlatched at cycle end, allowing two-dimensional
chip selection
Read-Modify-Write and EDO (Hyper Page mode) capability
All inputs and outputs LVTTL-compatible
Packages
BJ/BJS : SOJ32-P-400-1.27B, 1.27 grams
TSOP II 32-P-400-1.27B, 0.50grams
BFT/BFTS




Similar Part No. - TC5165405BJS-40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5165165AFT-50 TOSHIBA-TC5165165AFT-50 Datasheet
462Kb / 8P
4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
TC5165165AFT-60 TOSHIBA-TC5165165AFT-60 Datasheet
462Kb / 8P
4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
TC5165165AJ TOSHIBA-TC5165165AJ Datasheet
462Kb / 8P
4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
TC5165165AJ-50 TOSHIBA-TC5165165AJ-50 Datasheet
462Kb / 8P
4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
TC5165165AJ-60 TOSHIBA-TC5165165AJ-60 Datasheet
462Kb / 8P
4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
More results


Similar Description - TC5165405BJS-40

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16M40AJD-6 MITSUBISHI-MH16M40AJD-6 Datasheet
189Kb / 17P
FAST PAGE MODE ( 16,777,216-WORD BY 40-BIT ) DYNAMIC RAM
logo
OKI electronic componet...
MD51V64405 OKI-MD51V64405 Datasheet
312Kb / 15P
16,777,216-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Mitsubishi Electric Sem...
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4405CJ MITSUBISHI-M5M4V4405CJ Datasheet
299Kb / 27P
EDO (HYPER PAGE MODE) 4194304-BIT(1048576-WORD BY 4-BIT) DYNAMIC RAM
M5M44265CJ MITSUBISHI-M5M44265CJ Datasheet
324Kb / 31P
EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
logo
OKI electronic componet...
MD51V65405 OKI-MD51V65405 Datasheet
636Kb / 15P
16,777,216-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Mitsubishi Electric Sem...
M5M44405CJ MITSUBISHI-M5M44405CJ Datasheet
246Kb / 27P
EDO ( HYPER PAGE MODE ) 4194304-BIT ( 1048576-WORD BY 4-BIT ) DYNAMIC RAM
logo
Toshiba Semiconductor
TC5118165BJ TOSHIBA-TC5118165BJ Datasheet
467Kb / 9P
1,048,576 WORD X 16 BIT HYPER PAGE (EDO) DYNAMIC RAM
TC5164805BJ TOSHIBA-TC5164805BJ Datasheet
1Mb / 24P
8,388,608-WORD x8-BIT EDO (HYPER PAGE) DYNAMIC RAM
1998-03-04
TC5165165AJ TOSHIBA-TC5165165AJ Datasheet
462Kb / 8P
4,194,304 WORD X 16 BIT EDO (HYPER PAGE) DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com