Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4DISCOVERY-50 Datasheet (PDF) - 4D Systems Pty Ltd

4DISCOVERY-50 Datasheet PDF - 4D Systems Pty Ltd
Part # 4DISCOVERY-50
Download  4DISCOVERY-50 Download
File Size   3868.17 Kbytes
Page   43 Pages
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd
Description Wall Mountable Display Solution

4DISCOVERY-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
4DISCOVERY-50 Datasheet PDF - 4D Systems Pty Ltd

Part # 4DISCOVERY-50
Download  4DISCOVERY-50 Click to download

File Size   3868.17 Kbytes
Page   43 Pages
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd
Description Wall Mountable Display Solution

4DISCOVERY-50 Datasheet (HTML) - 4D Systems Pty Ltd


4DISCOVERY-50 Product details

Description
The 4Discovery-5.0 is a high resolution 480x854 pixel 4.95” (referred to as 5.0”) Intelligent wall mounted display product from 4D Systems, featuring the DIABLO16 Processor.
The 4Discovery’s 5” TFT display is IPS, giving it very wide viewing angles.
The 4Discovery is designed to be mounted directly onto a panel or wall, or any flat drillable surface. This universal mounting enables quick and easy installation almost anywhere in any orientation, enabling a wide range of customers to take advantage of this display product.
Driving the display and peripherals is the DIABLO16 processor, a very capable and powerful graphics processor from 4D Labs, which enables stand-alone functionality, and is programmed using the 4D Systems Workshop 4 IDE Software. The Workshop IDE enables graphic solutions to be constructed rapidly and with ease due to its design being solely for 4D’s graphics processors.
The 4Discovery has an array of features including a 5.0” 480x854 pixel TFT LCD Display, Capacitive Touch, micro-SD memory storage, optional Flash memory storage, 2 wire RS485 Interface which can act as Master or Slave with additional changeover wire, Proximity sensor to wake (or otherwise) the unit as someone approaches, and a switch-mode power supply enabling a wide input voltage range, optional WiFi/Bluetooth, along with many more features.
Anything that has been designed to run on a PICASO or DIABLO16 module can theoretically run on this 4Discovery with minor changes. Please ensure you contact the 4D Systems’ support team if unsure changing over from a 4D Systems’ module to this 4Discovery.
The 4Discovery-5.0 can be customised for customers who require alterations to the pinout or to add some extra features. The 4Discovery features a daughter board that is attached at the factory which can be modified to suit specific requirements, simply by changing the design of the daughter board. More details can be found in later sections on this topic.
For other customisations such as plastics colour, or for more detailed enquiries specific to your application, please contact the 4D Systems sales team.

Features
• Powerful 5.0” Intelligent TFT IPS display module powered by DIABLO16.
• 480x854 FWVGA Resolution (Full Wide Video Graphics Array), RGB 65K true to life colours, TFT Screen with integrated Capacitive Touch Panel.
• Wide viewing angles from all directions.
• Programmed over RS485 using a special programmer designed specifically for the 4Discovery.
• 6 banks of 32750 bytes of Flash memory for User Application Code and Data
• 32Kb of SRAM purely for the User.
• On board micro SD memory card connector for multimedia storage and data logging purposes. HC memory card support is also available for cards larger than 4GB.
• Optional Flash Memory can be ordered for internal storage of multimedia, data files, fonts, or for holding extra code functions (to expand the code storage of the processor), This secondary storage could be utilised where microSD card storage is undesirable however space is limited.
• On board proximity sensor found behind the top edge of the display glass, can be used for activation of the display, wake from sleep, or other functions as programmed by the User.
• Optional On board WiFi and Bluetooth using the Espressif ESP32 PICO D4 SoC, with both an integrated ceramic antenna and a u.FL connector for an external antenna.
• DOS compatible file access (FAT16 format) as well as low level access to microSD card memory.
• Display full colour images, animations, icons and video clips on chosen 4D Systems display.
• Supports all available Windows fonts.
• 5.0V or 7.0V to 30V input voltage range operation (single supply).
• Module dimensions: 76.2 x 139.4 x 24.8mm
• Weight approximately 130g.
• Display Viewing Area: 62.56 x 110.53mm
• Easily mounted to the wall, enclosure, panel or virtually any flat drillable surface.
• RoHS and CE Compliant.
• PCB is UL 94V 0 Flammability Rated




Similar Part No. - 4DISCOVERY-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
4Display-Shield-128 ETC2-4Display-Shield-128 Datasheet
14Mb / 13P
4Display Shields
4Display-Shield-144 ETC2-4Display-Shield-144 Datasheet
14Mb / 13P
4Display Shields
4Display-Shield-160 ETC2-4Display-Shield-160 Datasheet
14Mb / 13P
4Display Shields
4DISPLAY-SHIELD-96 ETC2-4DISPLAY-SHIELD-96 Datasheet
14Mb / 13P
4Display Shields
More results


Similar Description - 4DISCOVERY-50

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-305R ADVANTECH-TREK-305R Datasheet
360Kb / 2P
5.7 Display Solution for Vehicle Applications
logo
Laird Tech Smart Techno...
S2407MP LSTD-S2407MP Datasheet
567Kb / 1P
Wall mountable
logo
Advantech Co., Ltd.
C-DSD7047N50FH-02 ADVANTECH-C-DSD7047N50FH-02 Datasheet
429Kb / 2P
47 FHD Video Wall Display
logo
PHOENIX CONTACT
SF-TX-SET-VDE PHOENIX-SF-TX-SET-VDE Datasheet
47Kb / 2P
Wall-mountable screwdriver rack included
logo
Tripp Lite. All Rights ...
WWSS1332W TRIPPLITE-WWSS1332W Datasheet
161Kb / 2P
WorkWise Wall-Mounted Workstation, Single Display
logo
Banner Engineering Corp...
RDM35 BANNER-RDM35 Datasheet
372Kb / 3P
iVu Machine-Mountable Remote Display
logo
Advantech Co., Ltd.
EPD-660 ADVANTECH-EPD-660 Datasheet
419Kb / 3P
13.3 ePaper Wi-Fi Display Solution
16-May-2022
logo
Black Box Registered Tr...
SW-005 BLACKBOX-SW-005 Datasheet
900Kb / 4P
5 Port Unmanaged Ethernet Switch Wall Mountable
SW-008 BLACKBOX-SW-008 Datasheet
913Kb / 4P
8 Port Unmanaged Ethernet Switch Wall Mountable
SW-015 BLACKBOX-SW-015 Datasheet
970Kb / 4P
5 Port Unmanaged Gigabit Ethernet Switch Wall Mountable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com