Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD433 Datasheet (PDF) - Rohm

BD433 Datasheet PDF - Rohm
Part # BD433
Download  BD433 Download
File Size   1815.32 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500-mA 3.3-V or 5.0-V Output LDO Regulators

BD433 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD433 Datasheet PDF - Rohm

Part # BD433
Download  BD433 Click to download

File Size   1815.32 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500-mA 3.3-V or 5.0-V Output LDO Regulators

BD433 Datasheet (HTML) - Rohm


BD433 Product details

●General Description
The BD4xxM5 series are low quiescent regulators
featuring 45 V absolute maximum voltage, and output
voltage accuracy of ±2 % (3.3 V or 5 V: Typ.), 500 mA
output current and 38 μA (Typ.) current consumption.
These regulators are therefore ideal for applications
requiring a direct connection to the battery and a low
current consumption.
A logical “HIGH” at the CTL enables the device and
“LOW” at the CTL disables the device.
(Only W: Includes Enable Input).
Ceramic capacitors can be used for compensation of the
output capacitor phase. Furthermore, these ICs also
feature overcurrent protection to protect the device from
damage caused by short-circuiting and an integrated
thermal shutdown to protect the device from overheating
at overload conditions.

●Features
 Qualified for Automotive Applications
 Wide Temperature Range (Tj): -40 °C to +150 °C
 Wide Operating Input Range: 3.0 V to 42 V
 Low Quiescent Current: 38 μA (Typ.)
 Output Current: 500 mA
 High Output Voltage Accuracy: ±2 %
 Output Voltage: 3.3 V or 5.0 V (Typ.)
 Enable Input (Only W)
 Overload Current Protection (OCP)
 Thermal Shutdown Protection (TSD)
 AEC-Q100 Qualified (Note1)
(Note1:Grade1)




Similar Part No. - BD433

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD433 STMICROELECTRONICS-BD433 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD433 SIEMENS-BD433 Datasheet
180Kb / 5P
NPN SILICON EPIBASE TRANSISTORS
BD433 SIEMENS-BD433 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD433 FAIRCHILD-BD433 Datasheet
44Kb / 5P
Medium Power Linear and Switching Applications
logo
STMicroelectronics
BD433 STMICROELECTRONICS-BD433 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
More results


Similar Description - BD433

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
logo
Rohm
BD433M2WFP3-C ROHM-BD433M2WFP3-C Datasheet
1Mb / 37P
200-mA 3.3-V or 5.0-V Output LDO Regulators
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD800M5WFPJ-C ROHM-BD800M5WFPJ-C Datasheet
1Mb / 42P
For Automotive 500 mA Adjustable Output LDO Regulators
22.Mar.2021 Rev.003
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
BD9XXM5-C ROHM-BD9XXM5-C Datasheet
3Mb / 46P
For Automotive 45 V 500 mA Fixed/Adjustable Output QuiCurTM LDO Regulators
20.Jan.2023 Rev.001
BDL00A5NUF-C ROHM-BDL00A5NUF-C Datasheet
2Mb / 36P
For Automotive 20 V Input 500 mA Adjustable Output LDO Regulators
05.Dec.2022 Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com