Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SICA-B1A-R Datasheet (PDF) - Nordic Semiconductor

NRF9160-SICA-B1A-R Datasheet PDF - Nordic Semiconductor
Part # NRF9160-SICA-B1A-R
Download  NRF9160-SICA-B1A-R Download
File Size   6924.5 Kbytes
Page   400 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description nRF9160 Product Specification

NRF9160-SICA-B1A-R Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF9160-SICA-B1A-R Datasheet PDF - Nordic Semiconductor

Part # NRF9160-SICA-B1A-R
Download  NRF9160-SICA-B1A-R Click to download

File Size   6924.5 Kbytes
Page   400 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description nRF9160 Product Specification

NRF9160-SICA-B1A-R Datasheet (HTML) - Nordic Semiconductor


NRF9160-SICA-B1A-R Product details

Features:
Microcontroller:
• ARM Cortex -M33
• 243 EEMBC CoreMark score running from flash memory
• Data watchpoint and trace (DWT), embedded trace macrocell (ETM), and
instrumentation trace macrocell (ITM)
• Serial wire debug (SWD)
• Trace port
• 1 MB flash
• 256 kB low leakage RAM
• ARM Trustzone
• ARM Cryptocell 310
• Up to 4x SPI master/slave with EasyDMA
• Up to 4x I2C compatible two-wire master/slave with EasyDMA
• Up to 4x UART (CTS/RTS) with EasyDMA
• I2S with EasyDMA
• Digital microphone interface (PDM) with EasyDMA
• 4x pulse width modulator (PWM) unit with EasyDMA
• 12-bit, 200 ksps ADC with EasyDMA - eigth configurable channels with
programmable gain
• 3x 32-bit timer with counter mode
• 2x real-time counter (RTC)
• Programmable peripheral interconnect (PPI)
• 32 general purpose I/O pins
• Single supply voltage: 3.0 – 5.5 V
• All necessary clock sources integrated
• Package: 10 × 16 x 1.04 mm LGA
LTE modem:
• Transceiver and baseband
• 3GPP LTE release 13 Cat-M1 and Cat-NB1 compliant
• 3GPP release 13 coverage enhancement
• 3GPP LTE release 14 Cat-NB2 compliant
• GPS receiver
• GPS L1 C/A supported
• RF transceiver for global coverage
• Up to 23 dBm output power
• -108 dBm sensitivity (LTE-M) for low band, -107 dBm for mid
band
• Single 50 Ω antenna interface
• LTE band support in hardware:
• Cat-M1: B1, B2, B3, B4, B5, B8, B12, B13, B14, B17, B18, B19,
B20, B25, B26, B28, B66
• Cat-NB1/NB2: B1, B2, B3, B4, B5, B8, B12, B13, B17, B19, B20,
B25, B26, B28, B66
• Supports SIM and eSIM with an ETSI TS 102 221 compatible UICC
interface
• Power saving features: DRX, eDRX, PSM
• IP v4/v6 stack
• Secure socket (TLS/DTLS) API
Current consumption @ 3.7 V:
• Power saving mode (PSM) floor current: 2.7 μA
• eDRX @ 82.91s: 18 μA in Cat-M1, 37 μA in Cat-NB1 (UICC included)

Applications:
• Sensor networks
• Logistics and asset tracking
• Smart energy
• Smart building automation
• Smart agriculture
• Industrial
• Retail and monitor devices
• Medical devices
• Wearables




Similar Part No. - NRF9160-SICA-B1A-R

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF9160-SICA-B1A-R NORDIC-NRF9160-SICA-B1A-R Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
NRF9160-SICA-B1A-R7 NORDIC-NRF9160-SICA-B1A-R7 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
More results


Similar Description - NRF9160-SICA-B1A-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
Product Specification
logo
GOOD-ARK Electronics
SMBRB3045S GOOD-ARK-SMBRB3045S_15 Datasheet
600Kb / 7P
Product Specification
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
Product Specification
MUR2040FCT GOOD-ARK-MUR2040FCT Datasheet
453Kb / 7P
Product Specification
MBRF20150CT GOOD-ARK-MBRF20150CT Datasheet
327Kb / 6P
Product Specification
MBRF10200CT GOOD-ARK-MBRF10200CT Datasheet
340Kb / 6P
Product Specification
MBR1060 GOOD-ARK-MBR1060 Datasheet
348Kb / 7P
Product Specification
MURB1060CT GOOD-ARK-MURB1060CT Datasheet
517Kb / 7P
Product Specification
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
Product Specification
logo
Tontek Design Technolog...
TT6061BB TONTEK-TT6061BB Datasheet
64Kb / 5P
PRODUCT SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com