Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4966G Datasheet (PDF) - Infineon Technologies AG

TLI4966G Datasheet PDF - Infineon Technologies AG
Part # TLI4966G
Download  TLI4966G Download
File Size   1183.72 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Precision Hall-Effect Switch with Direction Detection

TLI4966G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLI4966G Datasheet PDF - Infineon Technologies AG

Part # TLI4966G
Download  TLI4966G Click to download

File Size   1183.72 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Precision Hall-Effect Switch with Direction Detection

TLI4966G Datasheet (HTML) - Infineon Technologies AG


TLI4966G Product details

1.1Features
•2.7 V to 24 V supply voltage operation
•Operation from unregulated power supply
•High sensitivity and high stability
of the magnetic switching points
•High resistance to mechanical stress
by Active Error Compensation
•Reverse battery protection (-18 V)
•Superior temperature stability
•Peak temperatures up to 125°C without damage
•Low jitter (typ. 1 μs)
•Digital output signals
•Bipolar version
•Excellent matching between the 2 Hall probes
•Hall plate distance 1.45 mm
•Direction & speed information
•Direction signal switches before the speed signal
•SMD package PG-TSOP6-6-9




Similar Part No. - TLI4966G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4961-1L INFINEON-TLI4961-1L Datasheet
1Mb / 21P
Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
TLI4961-1M INFINEON-TLI4961-1M Datasheet
1Mb / 21P
Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
TLI4961-1M/L INFINEON-TLI4961-1M/L Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
TLI4963-1M INFINEON-TLI4963-1M Datasheet
691Kb / 17P
High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLI4963-1M INFINEON-TLI4963-1M Datasheet
15Mb / 91P
Sensor solutions for automotive, industrial and consumer applications
More results


Similar Description - TLI4966G

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLE4966-3K INFINEON-TLE4966-3K Datasheet
1Mb / 15P
High Sensitivity Automotive Hall Switch with direction detection
Rev.1.0, 2010-09-20
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLE4966G INFINEON-TLE4966G Datasheet
1Mb / 17P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.01, October 2019
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com