Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS40-AD1B Datasheet (PDF) - Sensirion AG Switzerland

STS40-AD1B Datasheet PDF - Sensirion AG Switzerland
Part # STS40-AD1B
Download  STS40-AD1B Download
File Size   537.45 Kbytes
Page   14 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description 4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform

STS40-AD1B Datasheet (PDF)

Go To PDF Page Download Datasheet
STS40-AD1B Datasheet PDF - Sensirion AG Switzerland

Part # STS40-AD1B
Download  STS40-AD1B Click to download

File Size   537.45 Kbytes
Page   14 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description 4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform

STS40-AD1B Datasheet (HTML) - Sensirion AG Switzerland


STS40-AD1B Product details

General Description
The STS4x is a fully digital temperature sensor platform offering different accuracy classes,
currently available is the STS40. The I2C interface provides multiple preconfigured I2C
addresses and enables an ultra-low power budget. Designed to cost, this four-pin dual-flatno-
leads package is suitable for surface mount technology (SMT) processing.

Features
• Temperature accuracy: up to ±0.2 °C
• Supply voltage: 1.08 V … 3.6 V
• Average current: 0.4 μA (at meas. rate 1 Hz)
• Idle current: 80 nA
• I2C fast mode plus, CRC checksum
• Available with multiple I2C addresses
• Operating range: -40…125 °C
• NIST traceability
• JEDEC JESD47 qualification
• Mature technology from global market leader




Similar Part No. - STS40-AD1B

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
STS40-XD1B SENSIRION-STS40-XD1B Datasheet
574Kb / 15P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 3.0 - June 2024
More results


Similar Description - STS40-AD1B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-S435 ADVANTECH-DPX-S435_15 Datasheet
1Mb / 2P
4th Generation Intel짰 Core??Gaming platform
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
logo
Advantech Co., Ltd.
DPX-S435 ADVANTECH-DPX-S435 Datasheet
1Mb / 2P
4th Generation Intel Core Gaming platform
logo
EM Microelectronic - MA...
EM7180SFP EMMICRO-EM7180SFP Datasheet
1Mb / 18P
Ultra Low Power Sensor Fusion Platform
logo
Sensirion AG Switzerlan...
SHT4X SENSIRION-SHT4X Datasheet
781Kb / 18P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 3 - April 2022
SHT4XA SENSIRION-SHT4XA Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
SHT4XI SENSIRION-SHT4XI Datasheet
623Kb / 15P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 1 - November 2021
SHT4XI-DIGITAL SENSIRION-SHT4XI-DIGITAL Datasheet
864Kb / 19P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 2 - November 2022
SHT4X SENSIRION-SHT4X_V01 Datasheet
1Mb / 16P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor Platform
Version 1 - October 2020
SHT4X SENSIRION-SHT4X_V02 Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com