Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9470AFM Datasheet (PDF) - Rohm

BD9470AFM Datasheet PDF - Rohm
Part # BD9470AFM
Download  BD9470AFM Download
File Size   1799.53 Kbytes
Page   38 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description White LED driver for medium sized and large sized LCD back light

BD9470AFM Datasheet (PDF)

Go To PDF Page Download Datasheet
BD9470AFM Datasheet PDF - Rohm

Part # BD9470AFM
Download  BD9470AFM Click to download

File Size   1799.53 Kbytes
Page   38 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description White LED driver for medium sized and large sized LCD back light

BD9470AFM Datasheet (HTML) - Rohm


BD9470AFM Product details

General Description
BD9470AEFV and BD9470AFM are high efficiency
driver for white LED. They are designed for large sized
LCD. BD9470AEFV and BD9470AFM are built-in
DCDC converter that supply appropriate voltage for
light source.
BD9470AEFV and BD9470AFM are also built-in
protection function for abnormal state such as OVP:
over voltage protection, OCP: over current limit
protection of DCDC, SCP: short circuit protection, open
detection of LED string.
Thus they are used for conditions of large output
voltage and load conditions.

Features
6ch LED constant current driver
LED maximum output current 250mA
Individual PWM dimming modulation allowed for
LEDs
±2% LED current accuracy (when each LED is set
130mA)
Built-in LED feedback voltage automatic adjustment
circuit according to LED current
Built-in start-up circuit independent of PWM light
modulation
built-in VOUT・FB voltage maintenance function
when PWM=Low(0%)
Built-in LED current stabilization circuit while
scanning operation is performed
Built-in VOUT discharge circuit while shutdown
Built-in LED protection (OPEN / SHORT protection)
Individual detection and individual LED OFF for
both open and short circuit
Adjustable LED short-circuit protection threshold
PWM-independent LED protection
VOUT over voltage protection (OVP) and reduced
voltage protection (SCP) circuit
Built-in failure indication function
Built-in ISET pin short-circuit protection circuit




Similar Part No. - BD9470AFM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9470AFM-E2 ROHM-BD9470AFM-E2 Datasheet
1Mb / 39P
White LED driver for medium sized and large sized LCD back light
More results


Similar Description - BD9470AFM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Rohm
BD9267KUT ROHM-BD9267KUT Datasheet
967Kb / 31P
White LED Diver for Backlight of Medium/Large-sized LCDs
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
White LED Driver for large LCD panel
logo
BCD Semiconductor Manuf...
AP3041 BCDSEMI-AP3041 Datasheet
469Kb / 14P
Boost Controller for WLED Driver in Medium-sized LCD Panel
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
White Backlight LED Driver For Medium to Large LCD Panels
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
White LED Diver for Backlight of Medium/Large-sized LCDs
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
White LED Driver for large LCD panel
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
White LED driver for medium sized and large sized LCD back light
logo
Nichicon corporation
RNL NICHICON-RNL Datasheet
674Kb / 2P
Large Sized, High Capacitance
logo
Diodes Incorporated
AP3041 DIODES-AP3041 Datasheet
445Kb / 14P
BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
August 2019 Rev. 2 - 2
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com