Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9S201NUX-C Datasheet (PDF) - Rohm

BD9S201NUX-C Datasheet PDF - Rohm
Part # BD9S201NUX-C
Download  BD9S201NUX-C Download
File Size   2202.84 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive

BD9S201NUX-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD9S201NUX-C Datasheet PDF - Rohm

Part # BD9S201NUX-C
Download  BD9S201NUX-C Click to download

File Size   2202.84 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive

BD9S201NUX-C Datasheet (HTML) - Rohm


BD9S201NUX-C Product details

General Description
BD9S201NUX-C is a synchronous buck DC/DC
Converter with built-in low On Resistance power
MOSFETs. It is capable of providing current up to 2 A.
Small inductor is applicable due to high switching
frequency of 2.2 MHz. It is a current mode control
DC/DC Converter and features high-speed transient
response. It has a built-in phase compensation circuit.
Applications can be created with a few external
components.

Features
AEC-Q100 Qualified(Note 1)
Single Synchronous Buck DC/DC Converter
Adjustable Soft Start Function
Output Discharge Function
Power Good Output
Input Under Voltage Lockout Protection (UVLO)
Short Circuit Protection (SCP)
Output Over Voltage Protection (OVP)
Over Current Protection (OCP)
Thermal Shutdown Protection (TSD)

Applications
Automotive Equipment
Other Electronic Equipment




Similar Part No. - BD9S201NUX-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9S200MUF-C ROHM-BD9S200MUF-C Datasheet
3Mb / 46P
2.7V to 5.5V Input, 2A Integrated MOSFET Single Synchronous Buck DC/DC Converter For Automotive
BD9S209NUX-C ROHM-BD9S209NUX-C Datasheet
1Mb / 40P
2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S209NUX-CE2 ROHM-BD9S209NUX-CE2 Datasheet
1Mb / 40P
2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
More results


Similar Description - BD9S201NUX-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9S000NUX-C ROHM-BD9S000NUX-C Datasheet
2Mb / 40P
2.7 V to 5.5 V Input, 600 mA Single Synchronous Buck DC/DC Converter for Automotive
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S209NUX-C ROHM-BD9S209NUX-C Datasheet
1Mb / 40P
2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S402MUF-C ROHM-BD9S402MUF-C Datasheet
2Mb / 41P
2.7 V to 5.5 V Input, 4 A Single Synchronous Buck DC/DC Converter for Automotive
10.May.2022 Rev.001
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9SD11NUX-C ROHM-BD9SD11NUX-C Datasheet
1Mb / 32P
2.7 V to 5.5 V Input, 600 mA Single Synchronous Buck DC/DC Converter for Automotive
25.Feb.2020 Rev.001
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com