Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVR0240V2 Datasheet (PDF) - ON Semiconductor

NSVR0240V2 Datasheet PDF - ON Semiconductor
Part # NSVR0240V2
Download  NSVR0240V2 Download
File Size   123.12 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode

NSVR0240V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
NSVR0240V2 Datasheet PDF - ON Semiconductor

Part # NSVR0240V2
Download  NSVR0240V2 Click to download

File Size   123.12 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode

NSVR0240V2 Datasheet (HTML) - ON Semiconductor


NSVR0240V2 Product details

Schottky barrier diodes are optimized for very low forward voltage
drop and low leakage current and are used in a wide range of dc−dc
converter, clamping and protection applications in portable devices.
NSR0240V2 in a SOD−523 miniature package enables designers to
meet the challenging task of achieving higher efficiency and meeting
reduced space requirements.

Features
• Very Low Forward Voltage Drop − 480 mV @ 100 mA
• Low Reverse Current − 0.2 A @ 25 V VR
• 250 mA of Continuous Forward Current
• Power Dissipation of 200 mW with Minimum Trace
• Very High Switching Speed
• Low Capacitance − CT = 4 pF
• NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Typical Applications
• LCD and Keypad Backlighting
• Camera Photo Flash
• Buck and Boost dc−dc Converters
• Reverse Voltage and Current Protection
• Clamping & Protection

Markets
• Mobile Handsets
• MP3 Players
• Digital Camera and Camcorders
• Notebook PCs & PDAs
• GPS




Similar Part No. - NSVR0240V2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVR0240V2 ONSEMI-NSVR0240V2 Datasheet
118Kb / 4P
Schottky Barrier Diode
April, 2024 - Rev. 5
NSVR0240V2T1G ONSEMI-NSVR0240V2T1G Datasheet
124Kb / 4P
Schottky Barrier Diode
November, 2011 ??Rev. 2
NSVR0240V2T1G ONSEMI-NSVR0240V2T1G Datasheet
53Kb / 4P
Schottky Barrier Diode
September, 2014 ??Rev. 3
NSVR0240V2T1G ONSEMI-NSVR0240V2T1G Datasheet
118Kb / 4P
Schottky Barrier Diode
April, 2024 - Rev. 5
NSVR0240V2T5G ONSEMI-NSVR0240V2T5G Datasheet
118Kb / 4P
Schottky Barrier Diode
April, 2024 - Rev. 5
More results


Similar Description - NSVR0240V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com