Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ43CA-TR Datasheet (PDF) - STMicroelectronics

SMAJ43CA-TR Datasheet PDF - STMicroelectronics
Part # SMAJ43CA-TR
Download  SMAJ43CA-TR Download
File Size   148.15 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transil™

SMAJ43CA-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ43CA-TR Datasheet PDF - STMicroelectronics

Part # SMAJ43CA-TR
Download  SMAJ43CA-TR Click to download

File Size   148.15 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transil™

SMAJ43CA-TR Datasheet (HTML) - STMicroelectronics


SMAJ43CA-TR Product details

Features
■ Peak pulse power:
– 400 W (10/1000 μs)
– 2.3 kW (8/20 μs)
■ Stand off voltage range: from 5 V to 188 V
■ Unidirectional and bidirectional types
■ Low leakage current:
– 0.2 μA at 25 °C
– 1 μA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tj max:
– 270 W (10/1000 μs)
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-5 (see Table 3 for surge level)
■ MIL STD 883G, method 3015-7 Class 3B
– 25 kV HBM (human body model)
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 solderability
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint

Description
The SMAJ Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, and
MIL STD 883, method 3015, and electrical over
stress according to IEC 61000-4-4 and 5. These
devices are generally used against surges below
400 W (10/1000 μs).
Planar technology makes these devices suitable
for high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
SMAJ are packaged in SMA (SMA footprint in
accordance with IPC 7531 standard).




Similar Part No. - SMAJ43CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ43CA-TR STMICROELECTRONICS-SMAJ43CA-TR Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
SMAJ43CA-TR STMICROELECTRONICS-SMAJ43CA-TR Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
More results


Similar Description - SMAJ43CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com