Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCGLA200T75NF8 Datasheet (PDF) - ON Semiconductor

PCGLA200T75NF8 Datasheet PDF - ON Semiconductor
Part # PCGLA200T75NF8
Download  PCGLA200T75NF8 Download
File Size   139.96 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT Die 750 V, 200 A

PCGLA200T75NF8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCGLA200T75NF8 Datasheet PDF - ON Semiconductor

Part # PCGLA200T75NF8
Download  PCGLA200T75NF8 Click to download

File Size   139.96 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT Die 750 V, 200 A

PCGLA200T75NF8 Datasheet (HTML) - ON Semiconductor


PCGLA200T75NF8 Product details

Features
• AEC−Q101 Rev. D Qualified for Enhanced Reliability
• Maximum Junction Temperature 175°C
• Advanced FS4 Trench Technology
• Positive Temperature Coefficient
• Easy Paralleling
• Short Circuit Rated
• Very Low Saturation Voltage: VCE(SAT) = 1.45 V(Typ.) @ IC = 200 A
• Optimized for Motor Control Applications

Applications
• Automotive Traction Modules
• General Power Modules




Similar Part No. - PCGLA200T75NF8

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCG NICHICON-PCG Datasheet
960Kb / 2P
Chip Type, Higher Capacitance
logo
Richco, Inc.
PCG-1-48 RICHCO-PCG-1-48 Datasheet
59Kb / 1P
PRINTED CARD GUIDES
PCG-2-48 RICHCO-PCG-2-48 Datasheet
59Kb / 1P
PRINTED CARD GUIDES
PCG-3-48 RICHCO-PCG-3-48 Datasheet
59Kb / 1P
PRINTED CARD GUIDES
PCG-4-48 RICHCO-PCG-4-48 Datasheet
59Kb / 1P
PRINTED CARD GUIDES
More results


Similar Description - PCGLA200T75NF8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA3060ADF FAIRCHILD-FGA3060ADF Datasheet
1Mb / 9P
600 V, 30 A Field Stop Trench IGBT
FGH40T70SHD FAIRCHILD-FGH40T70SHD Datasheet
690Kb / 9P
700 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com