Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCUT1350X01 Datasheet (PDF) - Vishay Siliconix

TCUT1350X01 Datasheet PDF - Vishay Siliconix
Part # TCUT1350X01
Download  TCUT1350X01 Download
File Size   320.54 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs

TCUT1350X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCUT1350X01 Datasheet PDF - Vishay Siliconix

Part # TCUT1350X01
Download  TCUT1350X01 Click to download

File Size   320.54 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs

TCUT1350X01 Datasheet (HTML) - Vishay Siliconix


TCUT1350X01 Product details

DESCRIPTION
The TCUT1350X01 is a compact transmissive sensor
that includes an infrared emitter and two phototransistor
detectors, located face-to-face in a surface mount package.
TCUT1350X01 is especially designed to meet high
operating temperature requirements and is released for
operating temperature ranges from - 40 °C to + 125 °C.

FEATURES
• Package type: surface mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.5 x 4 x 4
• AEC-Q101 qualified
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Channel distance (center to center): 0.8 mm
• Typical output current under test: IC = 1.6 mA
• Emitter wavelength: 950 nm
• Released for high operating temperatures up to 125 °C
• Lead (Pb)-free soldering released
• Moisture sensitivity level (MSL): 1
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive optical sensors
• Accurate position sensor for encoder
• Sensor for motion, speed and direction




Similar Part No. - TCUT1350X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCUT1350X01 VISHAY-TCUT1350X01 Datasheet
319Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
14-Mar-13
More results


Similar Description - TCUT1350X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
Subminiature Transmissive Optical Sensor with Phototransistor Output
01-Jun-99
TCUT1200 VISHAY-TCUT1200 Datasheet
102Kb / 9P
Subminiature Dual Channel Optical Sensor with Phototransistor Output
01-Jun-99
TCVT1300 VISHAY-TCVT1300 Datasheet
55Kb / 7P
Dual Channel Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
Subminiature Dual Channel Transmissive Optical Sensor with
10-May-07
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
Subminiature Dual Channel Transmissive Optical Sensor with
20-Jul-07
TCUT1300X01 VISHAY-TCUT1300X01_11 Datasheet
324Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
17-May-11
TCUT1350X01 VISHAY-TCUT1350X01 Datasheet
319Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
14-Mar-13
TCUT1600X01 VISHAY-TCUT1600X01 Datasheet
226Kb / 8P
Tall Dome Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
06-Nov-15
TCUT1300X01 VISHAY-TCUT1300X01_V01 Datasheet
313Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
04-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com