Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSP57P38 Datasheet (PDF) - Vishay Siliconix

TSSP57P38 Datasheet PDF - Vishay Siliconix
Part # TSSP57P38_V01
Download  TSSP57P38 Download
File Size   307.98 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Detector for Mid Range Proximity Sensor

TSSP57P38 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSP57P38 Datasheet PDF - Vishay Siliconix

Part # TSSP57P38_V01
Download  TSSP57P38 Click to download

File Size   307.98 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Detector for Mid Range Proximity Sensor

TSSP57P38 Datasheet (HTML) - Vishay Siliconix


TSSP57P38 Product details

DESCRIPTION
The TSSP57P38 is a compact infrared detector module for
proximity sensing application. It receives 38 kHz modulated
signals and has a peak sensitivity of 940 nm.
The length of the detector’s output pulse varies in proportion
to the amount of light reflected from the object being
detected.

FEATURES
• Height of 0.8 mm
• Up to 2 m for proximity sensing
• Receives 38 kHz modulated signal
• Photo detector and preamplifier in one package
• Low supply current
• Shielding against EMI
• Visible light is suppressed by IR filter
• Insensitive to supply voltage ripple and noise
• Supply voltage: 2.0 V to 5.5 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Object approach detection for activation of displays and
user consoles, signaling of alarms, etc.
• Simple gesture controls
• Differentiation of car arrival, static, car departure in
parking lots
• Reflective sensors for toilet flush
• Navigational sensor for robotics

DESIGN SUPPORT TOOLS
• 3D models
• Window size calculator




Similar Part No. - TSSP57P38_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP57P38 VISHAY-TSSP57P38_V02 Datasheet
308Kb / 11P
IR Detector for Mid Range Proximity Sensor
16-Aug-2022
More results


Similar Description - TSSP57P38_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP58P38 VISHAY-TSSP58P38 Datasheet
125Kb / 6P
IR Detector for Mid Range Proximity Sensor
31-Jan-13
TSSP6P38 VISHAY-TSSP6P38 Datasheet
627Kb / 26P
IR Mid Range Proximity Sensor
14-Apr-16
TSSP57P38 VISHAY-TSSP57P38 Datasheet
558Kb / 24P
IR Detector for Mid Range Proximity Sensor
14-Apr-16
TSSP77P38 VISHAY-TSSP77P38 Datasheet
586Kb / 26P
IR Detector for Mid Range Proximity Sensor
14-Apr-16
TSSP77P38 VISHAY-TSSP77P38_18 Datasheet
715Kb / 26P
IR Detector for Mid Range Proximity Sensor
09-Oct-2018
TSSP58P38 VISHAY-TSSP58P38_V01 Datasheet
164Kb / 7P
IR Detector for Mid Range Proximity Sensor
13-Apr-2022
TSSP77P38 VISHAY-TSSP77P38_V01 Datasheet
367Kb / 13P
IR Detector for Mid Range Proximity Sensor
16-Aug-2022
TSSP57P38 VISHAY-TSSP57P38_V02 Datasheet
308Kb / 11P
IR Detector for Mid Range Proximity Sensor
16-Aug-2022
TSSP58P38 VISHAY-TSSP58P38_V02 Datasheet
164Kb / 7P
IR Detector for Mid Range Proximity Sensor
13-Apr-2022
TSSP77P38 VISHAY-TSSP77P38_V02 Datasheet
367Kb / 13P
IR Detector for Mid Range Proximity Sensor
16-Aug-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com