Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55BS4258J Datasheet (PDF) - Toshiba Semiconductor

TC55BS4258J Datasheet PDF - Toshiba Semiconductor
Part # TC55BS4258J
Download  TC55BS4258J Download
File Size   303.62 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD x 4 BIT SYNCHRONOUS STATIC RAM

TC55BS4258J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55BS4258J Datasheet PDF - Toshiba Semiconductor

Part # TC55BS4258J
Download  TC55BS4258J Click to download

File Size   303.62 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD x 4 BIT SYNCHRONOUS STATIC RAM

TC55BS4258J Datasheet (HTML) - Toshiba Semiconductor


TC55BS4258J Product details

Description
The TC55BS4258J is a 1,048,576 bit synchronous static random access memory fabricated using BICMOS technology and
organized as 262,144 words by 4 bits. The TC55BS4258J has separate data inputs and outputs and a write-cycle pass-through
feature.
Designed for pipelined architectures, this device has internal input and output registers which latch on the positive edge
of an external clock (CLK). All address, data, and control signals are latched. The setup and hold times for the inputs are 2ns
and 1ns respectively. Synchronous SRAMS can lead to faster, more robust system operation by virtually eliminating the timing
skew problems associated with conventional asynchronous SRAMs. For example, write operations are internally self-timed
when initiated - eliminating the need for accurate write pulse generation and timing by the memory controller or microproces-
sor. A pass-through feature during write cycles allows the outputs to follow the inputs with a one clock cycle delay. For read
cycles, data is available one clock cycle after the address is latched. All inputs and outputs are TTL compatible.
The TC55BS4258J is available in a 36-pin, 400mil SOJ package suitable for high density assembly.

Features
• Fast cycle time
- TC55BS4258J-10
- TC55BS4258J-12
Fast clock access time
- TC55BS4258J-10
- TC55BS4258J-12
10ns (max.)
12ns (max.)
5ns (max.)
6ns (max.)
Input and output registers for synchronous operation
Data pass-through for write cycles
Single power supply: 5V ± 10%
Separate data inputs and outputs
Package: JEDEC standard pinout
- 36-pin, 400mil SOJ: SOJ36-P-400




Similar Part No. - TC55BS4258J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55BS8125J TOSHIBA-TC55BS8125J Datasheet
300Kb / 6P
131,072 WORD x 8 BIT SYNCHRONOUS STATIC RAM
TC55BS8125J-10 TOSHIBA-TC55BS8125J-10 Datasheet
300Kb / 6P
131,072 WORD x 8 BIT SYNCHRONOUS STATIC RAM
TC55BS8125J-12 TOSHIBA-TC55BS8125J-12 Datasheet
300Kb / 6P
131,072 WORD x 8 BIT SYNCHRONOUS STATIC RAM
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
TC55BS8128J-12 TOSHIBA-TC55BS8128J-12 Datasheet
236Kb / 5P
131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
More results


Similar Description - TC55BS4258J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC554161FTI TOSHIBA-TC554161FTI Datasheet
418Kb / 9P
262,144-WORD BY 16-BIT STATIC RAM
12-Jun-1997
TC554161FTL TOSHIBA-TC554161FTL Datasheet
478Kb / 11P
262,144-WORD BY 16-BIT STATIC RAM
12-Jun-1997
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
262,144-WORD BY 8-BIT STATIC RAM
TC554161FTL-70L TOSHIBA-TC554161FTL-70L Datasheet
420Kb / 9P
262,144-WORD BY 16 BIT STATIC RAM
TC554161AFT-70 TOSHIBA-TC554161AFT-70 Datasheet
150Kb / 10P
262,144-WORD BY 16-BIT STATIC RAM
logo
Hitachi Semiconductor
HM51258P HITACHI-HM51258P Datasheet
500Kb / 9P
262,144-word x 1-bit Static Column CMOS Dynamic RAM
logo
Toshiba Semiconductor
TC554161FTL TOSHIBA-TC554161FTL_V01 Datasheet
439Kb / 9P
262,144-WORD BY 16-BIT STATIC RAM
1997-06-12
TC554161FTL TOSHIBA-TC554161FTL_V02 Datasheet
436Kb / 8P
262,144 WORD x 16 BIT STATIC RAM
TC55B4256J-12 TOSHIBA-TC55B4256J-12 Datasheet
297Kb / 6P
262,144 WORD x 4 BIT BICMOS STATIC RAM
TC55B4257J-12 TOSHIBA-TC55B4257J-12 Datasheet
314Kb / 6P
262,144 WORD x 4 BIT BICMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com